Electronic Components Datasheet Search
  English  ▼

X  

MAX7652CCB Datasheet(PDF) 31 Page - Maxim Integrated Products

Part # MAX7652CCB
Description  Flash Programmable 12-Bit Integrated Data-Acquisition Systems
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7652CCB Datasheet(HTML) 31 Page - Maxim Integrated Products

Back Button MAX7652CCB Datasheet HTML 27Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 28Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 29Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 30Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 31Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 32Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 33Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 34Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 35Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
Flash Programmable 12-Bit Integrated
Data-Acquisition Systems
______________________________________________________________________________________
31
Interrupt System
The MAX7651/MAX7652 has ten program-assist inter-
rupts that are either external or internal to the 8051 sys-
tem. Table 24 shows the SFR bit locations for interrupt
enable and priority control. Shaded Table regions
reflect the 8051 industry standard. Set SFR bit IE.7 high
to enable all interrupts. See the MAX7651/MAX7652
Programmer’s Reference Manual.
Timers
The MAX7651/MAX7652 feature several modes of tim-
ing control through the CKCON special function regis-
ter. Table 25 shows the CKCON SFR format. The
individual control bits can be used to set the number of
clock cycles needed (four or twelve) to increment each
timer/counter or the number of clock cycles needed to
execute the MOVX instruction. See the MAX7651/
MAX7652 Programmer’s Reference Manual for further
details.
Analog and Digital Supplies
The MAX7651/MAX7652 have multiple power-supply
inputs: one analog AVDD and three digital DVDD. The
pulse width modulators have their own power supply
inputs, PWMV and PWMG. Decouple all supply inputs
with a 0.1µF capacitor in parallel with a 10µF low ESR
capacitor, with both capacitors as close to the supply
pins as possible and with the shortest possible connec-
tion to the ground plane.
PARAMETER
MIN
MAX
COMMENTS
TPROGL
10TCK
TPROGL must equal TWRITE during lockbit writes
TASUW
3TCK
TWRITE
7TCK + 54
µs7TCK + 72µs
TADSUR
3TCK
TREAD
8TCK + 50ns
Read access time
TP27L
10TCK
TP27H
3TCK
TCK
83ns
250ns
Table 23
Note: P2.6, P2.7, P3.6, and P3.7 must also meet TASUW (min) timing specification.
PROGRAM LOCK
BITS
LB1
LB2
LB3
PROTECTION TYPE
1
1
1
1
No program lock features (Default after a mass erase)
20
11
MOVC instructions executed from external program memory are disabled from fetching code bytes
from internal memory, EA is sampled and latched on reset (RST), and further external data
programming of both FLASH arrays is disabled.
3
0
0
1
Verify (read) is disabled. (see Mode 2)
4
0
0
0
External execution is disabled (EA override, see Mode 3).
Table 24. Lock Bit Protection Modes
ADDRESS
DATA
MEANING
30H
7FH
JEDEC Continuation Byte
31H
CBH
Manufactured by Maxim
32H
20H
MAX7651/MAX7652
Table 25. MAX7651/MAX7652 Signature Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com