Electronic Components Datasheet Search
  English  ▼

X  

MAX7652CCB Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX7652CCB
Description  Flash Programmable 12-Bit Integrated Data-Acquisition Systems
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7652CCB Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX7652CCB Datasheet HTML 13Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 14Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 15Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 16Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 17Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 18Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 19Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 20Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Flash Programmable 12-Bit Integrated
Data-Acquisition Systems
______________________________________________________________________________________
17
Detailed Description
MAX7651/MAX7652 Architecture
The MAX7651/MAX7652 are complete 12-bit data-
acquisition systems featuring an algorithmic, switched-
capacitor, analog-to-digital converter (ADC), dual
pulse-width-modulated digital-to-analog converter
(DAC), and an industry-standard 8051 microprocessor
core with a variety of I/O and timing peripherals.
Using an external oscillator with an operating frequency
between 1MHz and 12MHz, the MAX7651/MAX7652
execute the majority of its commands in only four clock
periods to yield an average speed improvement of 2.5
times over typical 8051 microprocessors requiring 12
clock periods instructions. See the MAX7651/MAX7652
Programmer’s Reference Manual for further details.
On-chip peripherals include four 8-bit parallel ports,
two serial ports, three general-purpose timers, and a
watchdog timer. The MAX7651/MAX7652 also feature
16kB in two banks of 8kB flash memory and 256 bytes
of high-speed random access memory.
Memory Organization
The MAX7651/MAX7652 support up to 64kB of external
program (read-only) memory and data (random-
access) memory in conformance with the 8051 industry
standard.
Figure 4 shows the program memory organization.
When EA is high, the CPU has access to two internal
8kB blocks of flash memory beginning at addresses
0000H (lower block) and 2000H (upper block).
Addresses 0000H–0002H and 0003H–006AH of the
lower block are reserved for the CPU reset vector and a
set of interrupt vectors, respectively (see Table 3).
Addresses 3FC0H–3FFFH of the upper block are also
reserved and cannot be accessed by the CPU.
Addresses 4000H–FFFFH are for external ROM. When
EA is low, the external ROM must be used for all pro-
gram addresses (0000H–FFFFH).
Figure 5 shows the data memory (RAM) organization.
The first 256 bytes are partitioned between two internal
128-byte blocks. The lower block (addresses 0000H–
007FH) is used for registers or scratchpad memory and
can be accessed either directly or indirectly (see the
MAX7651/MAX7652 Programmer’s Reference Manual ).
The upper block (addresses 0080H–00FFH) reflects a
set of special function registers (SFRs) when accessed
directly, and separate scratchpad memory when
accessed indirectly. Addresses 0100H–FFFFH are
reserved for external RAM.
Table 4 shows the SFR mapping to memory and Table
5 shows the SFR contents on power-up or reset.
Unshaded register designations are consistent with the
industry standard 8051. Shaded register designations
DIRECT RAM
UPPER 128
BYTES
BANK
SELECT
LOWER 128 BYTES
7FH
FFH
00H
FFH
80H
80H
7FH
2FH
1FH
17H
0FH
07H
00H
11
10
01
00
BIT-ADDRESSABLE
REGISTERS
BANK 3
BANK 2
BANK 1
BANK 0
SFR
SPACE
DIRECT
ADDRESSING
INDIRECT
ADDRESSING
LOWER 128
BYTES
DIRECT AND
INDIRECT
ADDRESSING
EXTERNAL
INTERRUPT
VECTORS
RESET
VECTOR
FFFFH
3FFFH
3FCOH
2000H
4000H
RESERVED
1FFFH
0000H
UPPER
INTERNAL
EA = 1
3FFFH
0000H
006AH
0001H
0002H
0000H
EXTERNAL
EA = 0
LOWER
INTERNAL
EA = 1
Figure 4. Program Memory Organization
Figure 5. Data Memory (RAM) Organization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com