Electronic Components Datasheet Search
  English  ▼

X  

PCM4202 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4202
Description  High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4202 Datasheet(HTML) 5 Page - Texas Instruments

  PCM4202 Datasheet HTML 1Page - Texas Instruments PCM4202 Datasheet HTML 2Page - Texas Instruments PCM4202 Datasheet HTML 3Page - Texas Instruments PCM4202 Datasheet HTML 4Page - Texas Instruments PCM4202 Datasheet HTML 5Page - Texas Instruments PCM4202 Datasheet HTML 6Page - Texas Instruments PCM4202 Datasheet HTML 7Page - Texas Instruments PCM4202 Datasheet HTML 8Page - Texas Instruments PCM4202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
PCM4202-EP
www.ti.com
SGLS388
– JUNE 2007
ELECTRICAL CHARACTERISTICS (continued)
All parameters are specified at TA = 25°C with VCC = 5 V, VDD = 3.3 V (unless otherwise noted), and a measurement
bandwidth from 20 Hz to 20 kHz, unless otherwise noted. System clock frequency is equal to 256 fS for Single and Dual Rate
sampling modes, and 128 fS for Quad Rate sampling mode.
PCM4202
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
Group delay
Quad Rate
9.5/fS
sec
DIGITAL HIGH PASS FILTER
Frequency response (
–3 dB)
fS/48000
Hz
POWER SUPPLY
VCC
4.75
5
5.25
V
Voltage range
VDD
3
3.3
3.6
V
VCC = 5 V, VDD = 3.3 V
fS = 48 kHz, Single Rate
55
65
mA
fS = 48 kHz, Single Rate (–40°C to
70
85
°C)
fS = 96 kHz, Dual Rate
55
65
ICC
mA
fS = 96 kHz, Dual Rate (–40°C to
70
85
°C)
fS = 192 kHz, Quad Rate
55
65
mA
Operating supply current
fS = 192 kHz, Quad Rate(–40°C to
70
mA
85
°C)
IDD
VCC = 5 V, VDD = 3.3 V
fS = 48 kHz, Single Rate(–40°C to
10
12
mA
85
°C)
fS = 96 kHz, Dual Rate(–40°C to
19
25
mA
85
°C)
fS = 192 kHz, Quad Rate(–40°C to
13
15
mA
85
°C)
VCC = 5 V, VDD = 3.3 V, RST = 0
Power
–down mode current
ICC
Clocks applied (
–40°C to 85°C)
10
mA
IDD
Clocks applied (
–40°C to 85°C)
2
mA
VCC = 5 V, VDD = 3.3 V
fS = 48 kHz, Single Rate
308
365
mW
Total power dissipation
fS = 96 kHz, Dual Rate
338
408
mW
fS = 192 kHz, Quad Rate
318
375
mW
Copyright
© 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): PCM4202-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com