Electronic Components Datasheet Search
  English  ▼

X  

PCM4202 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4202
Description  High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4202 Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCM4202 Datasheet HTML 15Page - Texas Instruments PCM4202 Datasheet HTML 16Page - Texas Instruments PCM4202 Datasheet HTML 17Page - Texas Instruments PCM4202 Datasheet HTML 18Page - Texas Instruments PCM4202 Datasheet HTML 19Page - Texas Instruments PCM4202 Datasheet HTML 20Page - Texas Instruments PCM4202 Datasheet HTML 21Page - Texas Instruments PCM4202 Datasheet HTML 22Page - Texas Instruments PCM4202 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
DSDBCK
DSDL
DSD R
t
DCK HL
t
D CKP
P A R A M E T E R
D E S C R I P T IO N
M I N
M A X
U N I T S
156
70
10
ns
ns
ns
t
DCKD O
LRCK pulse width
t
DCK P
t
DCK P
t
DCK P
LRCK active edge to BCK sampling edge delay
Data setup time
PCM4202-EP
www.ti.com
SGLS388
– JUNE 2007
Figure 7. DSD Data Port Timing
HIGH-PASS FILTER
A digital high-pass filter is available for removing the DC component of the digitized input signal. The filter is
located at the output of the digital decimation filter, and is available only when using PCM output data formats.
The high-pass filter can be enabled or disabled for both the Left and Right channels using the HPFD input (pin
12). Driving the HPFD input low enables the high-pass filter. Driving the HPFD input high disables the high-pass
filter.
The
–3 dB corner frequency for the high-pass filter scales with the output sampling rate, where f–3 dB = fS/48000,
where fS is the output sampling rate.
CLIPPING FLAGS
The PCM4202 includes a clipping flag output for each channel. The outputs are designated CLIPL (pin 21) and
CLIPR (pin 20), corresponding to the Left and Right channels, respectively. The clipping flags are only available
when using PCM output data formats.
A clipping flag is forced high as soon as the digital output of the decimation filter exceeds the full-scale range for
the corresponding channel. The clipping flag output is held high for a maximum of (256
× N) / fS seconds, where
N = 128 for Single Rate sampling mode, 256 for Dual Rate sampling mode, and 512 for Quad Rate sampling
mode. If the decimation filter output does not exceed the full-scale range during the initial hold period, the output
returns to a low state upon termination of the hold period.
Copyright
© 2007, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): PCM4202-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com