Electronic Components Datasheet Search
  English  ▼

X  

PCM4202 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4202
Description  High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4202 Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM4202 Datasheet HTML 19Page - Texas Instruments PCM4202 Datasheet HTML 20Page - Texas Instruments PCM4202 Datasheet HTML 21Page - Texas Instruments PCM4202 Datasheet HTML 22Page - Texas Instruments PCM4202 Datasheet HTML 23Page - Texas Instruments PCM4202 Datasheet HTML 24Page - Texas Instruments PCM4202 Datasheet HTML 25Page - Texas Instruments PCM4202 Datasheet HTML 26Page - Texas Instruments PCM4202 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
1kW
40.2W
4 0 .2 W
1 kW
27 0 W
27 0 W
O P A 1 63 2
1nF
1nF
1kW
Diffe re n tia l
An a log Inp u t
2 .7 n F
0 .0 1µF
10 µF
- 1 5 V
2
1
8
E N
V
O CM
100pF
To V
IN-
To V
IN+
From
Buffered V
CO M
in Figure 14.
7
6
3
4
5
10µF
0 .0 1µF
+1 5 V
(+)
+
+
(- )
1 0 0 p F
0 .1 µF
V
CO M L
or
V
COM R
P C M 4 20 2
O P A 22 7
or equivalent
To
Buffered V
C OM
in Figure 13.
0.1µF
PCM4202-EP
www.ti.com
SGLS388
– JUNE 2007
Figure 13. Example Input Buffer Circuit
Figure 14. Example Buffer Circuit for VCOML and VCOMR
COMPATIBILITY WITH THE PCM1804
Although the PCM4202 and PCM1804 are pin- and function-compatible, there are a few differences between the
two devices that the designer should be aware of. These differences are noted here for clarity.
•
The full-scale input of the PCM4202 is 6 VPP differential, while it is 5 VPP for the PCM1804. This is a result of
the PCM4202 having an internal 3-V voltage reference, and the PCM1804 having an internal 2.5-V voltage
reference.
•
The PCM1804 includes 5-V tolerant digital inputs. The PCM4202 does not include these because the digital
inputs are designed for interfacing to 3.3 V logic.
•
The reset pin (RST) pin of the PCM4202 has an internal pull-up resistor. For the PCM1804, this pin has an
internal pull-down resistor.
•
When operating in Master mode with Single Rate sampling selected, the audio serial port bit clock (BCK) is
equal to 64 fS for the PCM1804, while the BCK rate is equal to 128 fS for the PCM4202.
•
The following pins on the PCM4202 and PCM1804 have different names, but they perform the same
functions.
Copyright
© 2007, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): PCM4202-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com