Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 237 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  AM572x SitaraTM Processors
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5728 Datasheet(HTML) 237 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 233Page - Texas Instruments AM5728 Datasheet HTML 234Page - Texas Instruments AM5728 Datasheet HTML 235Page - Texas Instruments AM5728 Datasheet HTML 236Page - Texas Instruments AM5728 Datasheet HTML 237Page - Texas Instruments AM5728 Datasheet HTML 238Page - Texas Instruments AM5728 Datasheet HTML 239Page - Texas Instruments AM5728 Datasheet HTML 240Page - Texas Instruments AM5728 Datasheet HTML 241Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 415 page
background image
AM5728, AM5726
www.ti.com
SPRS915O – MARCH 2014 – REVISED OCTOBER 2015
Table 7-17. VOUT2 IOSETs (continued)
SIGNALS
IOSET1
IOSET2
BALL
MUX
BALL
MUX
vout2_d11
D5
4
A15
6
vout2_d10
C2
4
B15
6
vout2_d9
C3
4
A20
6
vout2_d8
C4
4
E15
6
vout2_d7
B2
4
D12
6
vout2_d6
D6
4
C12
6
vout2_d5
C5
4
F13
6
vout2_d4
A3
4
E12
6
vout2_d3
B3
4
J11
6
vout2_d2
B4
4
G13
6
vout2_d1
B5
4
J14
6
vout2_d0
A4
4
B14
6
vout2_vsync
G6
4
F20
6
vout2_hsync
G1
4
E21
6
vout2_clk
H7
4
B26
6
vout2_fld
E1
4
F21
6
vout2_de
G2
4
C23
6
In Table 7-18 are presented the specific groupings of signals (IOSET) for use with VOUT3.
Table 7-18. VOUT3 IOSETs
SIGNALS
IOSET1
IOSET2
IOSET3
BALL
MUX
BALL
MUX
BALL
MUX
vout3_d23
P5
3
AE8
4
vout3_d22
R5
3
AD8
4
vout3_d21
R9
3
AG7
4
vout3_d20
P6
3
AH6
4
vout3_d19
T7
3
AH3
4
vout3_d18
T6
3
AH5
4
vout3_d17
T9
3
AG6
4
AD9
3
vout3_d16
R6
3
AH4
4
AG8
3
vout3_d15
H3
3
AG4
4
AG4
4
vout3_d14
H2
3
AG2
4
AG2
4
vout3_d13
J3
3
AG3
4
AG3
4
vout3_d12
H1
3
AG5
4
AG5
4
vout3_d11
J2
3
AF2
4
AF2
4
vout3_d10
J1
3
AF6
4
AF6
4
vout3_d9
K2
3
AF3
4
AF3
4
vout3_d8
L1
3
AF4
4
AF4
4
vout3_d7
L2
3
AF1
4
AE8
3
vout3_d6
L3
3
AE3
4
AD8
3
vout3_d5
L4
3
AE5
4
AG7
3
vout3_d4
L6
3
AE1
4
AH6
3
vout3_d3
M1
3
AE2
4
AH3
3
vout3_d2
L5
3
AE6
4
AH5
3
vout3_d1
M2
3
AD2
4
AG6
3
vout3_d0
M6
3
AD3
4
AH4
3
Copyright © 2014–2015, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
237
Submit Documentation Feedback
Product Folder Links: AM5728 AM5726



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com