Electronic Components Datasheet Search
  English  ▼

X  

TLS820F0 Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # TLS820F0
Description  Low Dropout Linear Voltage Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS820F0 Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button TLS820F0 Datasheet HTML 24Page - Infineon Technologies AG TLS820F0 Datasheet HTML 25Page - Infineon Technologies AG TLS820F0 Datasheet HTML 26Page - Infineon Technologies AG TLS820F0 Datasheet HTML 27Page - Infineon Technologies AG TLS820F0 Datasheet HTML 28Page - Infineon Technologies AG TLS820F0 Datasheet HTML 29Page - Infineon Technologies AG TLS820F0 Datasheet HTML 30Page - Infineon Technologies AG TLS820F0 Datasheet HTML 31Page - Infineon Technologies AG TLS820F0 Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Data Sheet
28
Rev. 1.1, 2015-07-27
TLS820F0
Block Description and Electrical Characteristics
Figure 9
Typical Watchdog Timing Diagram, Watchdog and Reset Modes
Watchdog Input “WI”
The watchdog is triggered by a falling edge at the watchdog input pin “WI”. The amplitude and slope of this signal
has to comply with the specification (Table “Watchdog Input WI” on Page 29). For details regarding test pulses,
see Figure 10 “Test Pulses Watchdog Input WI” on Page 28.
Figure 10
Test Pulses Watchdog Input WI
Trigger
WI
Ignore Time
tWI,i
WD Trigger
t
Current Controlled
WD-turn off
Don’t care WI
during trd and ignore time
t
VWO
trd
t
No WO assertion during
Current shut down
Normal operation
trd
DT1
DT2
t
VI
VQ
VRT,high
t
t
IQ
t
IQ,W,act
IQ,W,deact
VRO
trd
trr,int
Power
Fail
Capture DT1
48ms *)
Capture DT2
Capture DT1
32ms
Capture DT1
Capture DT2
NO WD Trigger
tWO,low
Capture DT1
Capture DT2
Setup trd (slow)
96ms *)
WD Trigger
Capture DT1
Capture DT2
32ms *)
WD Trigger
32ms *)
16.5ms typ.
Capture DT1
Capture DT2
16ms *)
Normal operation
VRT,low
WD Trigger
(WD-trigger time tWI,tr)
Don’t care WI
during t WO,low and
ignore time
Don’t care WI
during WD-off
and ignore time
*) watchdog trigger time interrupted by correct WI signal serving the watchdog
t
t
96ms *)
Capture DT1
Capture DT2
V
WI
t
V
WI,low
V
WI,high
t
WI,ph
d
V
WI / d
t
t
WI,pl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com