Electronic Components Datasheet Search
  English  ▼

X  

TLS820F0 Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # TLS820F0
Description  Low Dropout Linear Voltage Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS820F0 Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button TLS820F0 Datasheet HTML 25Page - Infineon Technologies AG TLS820F0 Datasheet HTML 26Page - Infineon Technologies AG TLS820F0 Datasheet HTML 27Page - Infineon Technologies AG TLS820F0 Datasheet HTML 28Page - Infineon Technologies AG TLS820F0 Datasheet HTML 29Page - Infineon Technologies AG TLS820F0 Datasheet HTML 30Page - Infineon Technologies AG TLS820F0 Datasheet HTML 31Page - Infineon Technologies AG TLS820F0 Datasheet HTML 32Page - Infineon Technologies AG TLS820F0 Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
TLS820F0
Block Description and Electrical Characteristics
Data Sheet
29
Rev. 1.1, 2015-07-27
Table 10
Electrical Characteristics Watchdog
T
j = -40 °C to +150 °C, VI = 13.5 V, all voltages with respect to ground (unless otherwise specified)
Typical values are given at
T
j = 25 °C
Parameter
Symbol
Values
Unit Note / Test Condition
Number
Min. Typ. Max.
Watchdog Timing
Watchdog Ignore Time
t
WI,i
12.8 16
19.2
ms
–
P_5.9.1
Watchdog Trigger Time
t
WI,tr,1
76.8 96
115.2 ms
DT1 connected to GND;
DT2 connected to GND
P_5.9.2
Watchdog Trigger Time
t
WI,tr,2
38.4 48
57.6
ms
DT1 connected to Q;
DT2 connected to GND
P_5.9.3
Watchdog Trigger Time
t
WI,tr,3
25.6 32
38.4
ms
DT1 connected to GND;
DT2 connected to Q
P_5.9.4
Watchdog Trigger Time
t
WI,tr,4
12.8 16
19.2
ms
DT1 connected to Q;
DT2 connected to Q
P_5.9.5
Watchdog Output Low Time
t
WO,low
6.4
8
9.6
ms
–
P_5.9.6
Load Dependent Watchdog Activation
Watchdog Activation Current
Threshold
I
Q,W,act
–
–
5.5
mA
for
V
Q,nom =5V:
V
I >5.44V;
high current condition must
be applied at least for the
time of
t
W,filter,max
P_5.9.11
Watchdog Deactivation Current
Threshold
I
Q,W,deact
1
–
–
mA
for
V
Q,nom =5V:
V
I >5.44V;
low current condition must
be applied at least for the
time of
t
W,filter,max
P_5.9.12
Watchdog Deactivation Current
Hysteresis
I
Q,W,hy
0.35 –
–
mA
for
V
Q,nom =5V:
V
I >5.44V;
P_5.9.13
Watchdog Activation Current
Threshold
I
Q,W,act
–
–
5.5
mA
for
V
Q,nom =3.3 V:
V
I >3.72V;
high current condition must
be applied at least for the
time of
t
W,filter,max
P_5.9.39
Watchdog Deactivation Current
Threshold
I
Q,W,deact
1
–
–
mA
for
V
Q,nom =3.3 V:
V
I >3.72V;
low current condition must
be applied at least for the
time of
t
W,filter,max
P_5.9.40
Watchdog Deactivation Current
Hysteresis
I
Q,W,hy
0.35 –
–
mA
for
V
Q,nom =3.3 V:
V
I >3.72V;
P_5.9.41
Watchdog Minimum Filter Time
state transition by current
t
W,IQ,filter,
min
100
–
–
µs
1) – see Page 31
P_5.9.14
Watchdog Maximum Filter Time
state transition by current
t
W,IQ,filter,
max
–
–
500
µs
1) – see Page 31
P_5.9.15
Watchdog Input WI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com