Electronic Components Datasheet Search
  English  ▼

X  

TLS820F0 Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # TLS820F0
Description  Low Dropout Linear Voltage Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS820F0 Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button TLS820F0 Datasheet HTML 26Page - Infineon Technologies AG TLS820F0 Datasheet HTML 27Page - Infineon Technologies AG TLS820F0 Datasheet HTML 28Page - Infineon Technologies AG TLS820F0 Datasheet HTML 29Page - Infineon Technologies AG TLS820F0 Datasheet HTML 30Page - Infineon Technologies AG TLS820F0 Datasheet HTML 31Page - Infineon Technologies AG TLS820F0 Datasheet HTML 32Page - Infineon Technologies AG TLS820F0 Datasheet HTML 33Page - Infineon Technologies AG TLS820F0 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
Data Sheet
30
Rev. 1.1, 2015-07-27
TLS820F0
Block Description and Electrical Characteristics
Watchdog Input
Low Signal Valid
V
WI,low
––0.8
V
2) –
P_5.9.16
Watchdog Input
High Signal Valid
V
WI,high
2.0
–
–
V
2) –
P_5.9.17
Watchdog Input
High Signal Pulse Length
t
WI,ph
1––
µs
2) V
WI ≥ VWI,high
P_5.9.19
Watchdog Input
Low Signal Pulse Length
t
WI,pl
1––
µs
2) V
WI ≤ VWI,low
P_5.9.20
Watchdog Input
Signal Slew Rate
d
V
WI/dt
1––
V/µs 2)
V
WI,low <VWI < VWI,high
P_5.9.21
High Level Input Current
I
WI,H
––3.5
µA
V
WI =3.3 V
P_5.9.22
Watchdog Input internal pull-down
resistor
R
WI
0.9
1.5
2.6
MΩ
–
P_5.9.23
Watchdog Disable Threshold
WI Signal Value
V
WI,dis
1.15 –
1.40
V
for
V
Q,nom =5V:
V
I > 5.44 V;
signal must be applied for
>
t
W,filter,max to deactivate
and activate the watchdog
P_5.9.31
Watchdog Disable Threshold
WI Signal Value
V
WI,dis
1.15 –
1.40
V
for
V
Q,nom =3.3 V:
V
I >4.6 V;
signal must be applied for
>
t
W,filter,max to deactivate
and activate the watchdog
P_5.9.24
Watchdog Minimum Filter Time
state transition by WI
t
WI,filter,min
100
–
–
µs
3) – see Page 33
P_5.9.25
Watchdog Maximum Filter Time
state transition by WI
t
WI,filter,max –
–
500
µs
3) – see Page 33
P_5.9.26
Watchdog Delay Input DT2 (DT1 is defined in chapter Reset Delay Input DT1)
Delay Input DT2
Low Signal Valid
V
DT2,L
––0.8
V
–
P_5.9.27
Delay Input DT2
High Signal Valid
V
DT2,H
2.0
–
–
V
–
P_5.9.28
Delay Input DT2
Signal Slew Rate
d
V
DT2/dt
1––
V/µs
V
DTx,L <VDTx < VDTx,H
P_5.9.38
High Level Input Current DT2
I
DT2,H
––3.5
µA
V
DTx =3.3 V
P_5.9.30
Delay Input DT2 internal pull-down
resistor
R
DT2
0.9
1.5
2.6
MΩ
–
P_5.9.32
Watchdog setup and hold time
(DT1, DT2)
t
setup,hold,
DT
150
–
–
µs
3) Within the setup and hold
time phase, a DTx
transition will not be
recognized
P_5.9.33
Watchdog Output WO
Table 10
Electrical Characteristics Watchdog (cont’d)
T
j = -40 °C to +150 °C, VI = 13.5 V, all voltages with respect to ground (unless otherwise specified)
Typical values are given at
T
j = 25 °C
Parameter
Symbol
Values
Unit Note / Test Condition
Number
Min. Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com