Electronic Components Datasheet Search
  English  ▼

X  

TLS820F0 Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # TLS820F0
Description  Low Dropout Linear Voltage Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS820F0 Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button TLS820F0 Datasheet HTML 27Page - Infineon Technologies AG TLS820F0 Datasheet HTML 28Page - Infineon Technologies AG TLS820F0 Datasheet HTML 29Page - Infineon Technologies AG TLS820F0 Datasheet HTML 30Page - Infineon Technologies AG TLS820F0 Datasheet HTML 31Page - Infineon Technologies AG TLS820F0 Datasheet HTML 32Page - Infineon Technologies AG TLS820F0 Datasheet HTML 33Page - Infineon Technologies AG TLS820F0 Datasheet HTML 34Page - Infineon Technologies AG TLS820F0 Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
TLS820F0
Block Description and Electrical Characteristics
Data Sheet
31
Rev. 1.1, 2015-07-27
Watchdog Trigger Time
Two pins, DT1 and DT2, are used to set the desired Watchdog Trigger Time
t
WI,tr. Connect these pins either to
GND or to high level (e.g. Q) to select the timing according to Table 11.
Watchdog deactivation by current control
The Watchdog is load dependent inactive. This ensures, that if the microcontroller is in a power save mode
(
I
Q ≤ IQ,W,deact) and not able to provide a correct watchdog trigger signal at pin “WI”, no watchdog signal “WO = low”
is generated. The transition from an active to an inactive state will be performed after a dead time of
t
W,IQ,filter,max,
when output current keeps below the deactivation threshold. This protects against an unintended entering of the
watchdog deactivation state caused by short dynamic current drops. In case of very short current drops up to the
time of
t
W,IQ,filter,min, the activation state will definitely be kept. These scenarios are also valid for the transition from
deactivation to activation state. For details see also Figure 11
Watchdog Output Low Voltage
V
WO,low
–0.2
0.4
V
R
WO >5.1 kΩ
P_5.9.34
Watchdog Output
Internal Pull-Up Resistor
R
WO,int
13
20
36
kΩ
internally connected to pin
Q
P_5.9.35
Watchdog Output External
Pull-up Resistor to
V
Q
R
WO,ext
5.1
–
–
kΩ
V
WO ≤ 0.4 V;
P_5.9.36
1) Not subject to production test, specified by design.
2) For details on applied test pulse, see Figure 10
3) Not subject to production test, specified by design.
Table 11
Watchdog Trigger Time Selection
DT1 connected to
DT2 connected to
t
WI,tr,typ
GND
GND
96 ms
QGND
48 ms
GND
Q
32 ms
QQ
16 ms
Table 10
Electrical Characteristics Watchdog (cont’d)
T
j = -40 °C to +150 °C, VI = 13.5 V, all voltages with respect to ground (unless otherwise specified)
Typical values are given at
T
j = 25 °C
Parameter
Symbol
Values
Unit Note / Test Condition
Number
Min. Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com