Electronic Components Datasheet Search
  English  ▼

X  

TLS820F0 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLS820F0
Description  Low Dropout Linear Voltage Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS820F0 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLS820F0 Datasheet HTML 10Page - Infineon Technologies AG TLS820F0 Datasheet HTML 11Page - Infineon Technologies AG TLS820F0 Datasheet HTML 12Page - Infineon Technologies AG TLS820F0 Datasheet HTML 13Page - Infineon Technologies AG TLS820F0 Datasheet HTML 14Page - Infineon Technologies AG TLS820F0 Datasheet HTML 15Page - Infineon Technologies AG TLS820F0 Datasheet HTML 16Page - Infineon Technologies AG TLS820F0 Datasheet HTML 17Page - Infineon Technologies AG TLS820F0 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
Data Sheet
14
Rev. 1.1, 2015-07-27
TLS820F0
Block Description and Electrical Characteristics
5.2
Typical Performance Characteristics Voltage Regulator
Typical Performance Characteristics
Output Voltage
V
Q versus
Junction Temperature
T
j (3.3 V version)
Output Voltage
V
Q versus
Junction Temperature
T
j (5 V version)
Dropout Voltage
V
dr versus
Junction Temperature
T
j (3.3 V version)
Dropout Voltage
V
dr versus
Junction Temperature
T
j (5 V version)
0
50
100
150
3.1
3.15
3.2
3.25
3.3
3.35
3.4
3.45
3.5
T
j
[
°C]
I
Q
= 100mA
0
50
100
150
4.8
4.85
4.9
4.95
5
5.05
5.1
5.15
T
j
[
°C]
I
Q
= 100mA
0
50
100
150
0
50
100
150
200
250
300
T
j
[
°C]
I
Q
= 100 mA
I
Q
= 200 mA
V
Q
= 3.3 V
0
50
100
150
0
50
100
150
200
250
300
T
j
[
°C]
I
Q
= 100 mA
I
Q
= 200 mA
V
Q
= 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com