Electronic Components Datasheet Search
  English  ▼

X  

TLS820F0 Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLS820F0
Description  Low Dropout Linear Voltage Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS820F0 Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLS820F0 Datasheet HTML 20Page - Infineon Technologies AG TLS820F0 Datasheet HTML 21Page - Infineon Technologies AG TLS820F0 Datasheet HTML 22Page - Infineon Technologies AG TLS820F0 Datasheet HTML 23Page - Infineon Technologies AG TLS820F0 Datasheet HTML 24Page - Infineon Technologies AG TLS820F0 Datasheet HTML 25Page - Infineon Technologies AG TLS820F0 Datasheet HTML 26Page - Infineon Technologies AG TLS820F0 Datasheet HTML 27Page - Infineon Technologies AG TLS820F0 Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
Data Sheet
24
Rev. 1.1, 2015-07-27
TLS820F0
Block Description and Electrical Characteristics
Table 9
Electrical Characteristics Reset
T
j = -40 °C to +150 °C, VI = 13.5 V, all voltages with respect to ground (unless otherwise specified)
Typical values are given at
T
j = 25 °C
Parameter
Symbol
Values
Unit Note / Test Condition
Number
Min. Typ. Max.
Output Undervoltage Reset 5V Version only
Output Undervoltage Reset Upper
Switching Threshold
V
RT,high
4.6
4.7
4.8
V
V
Q increasing
P_5.7.1
Output Undervoltage Reset Lower
Switching Threshold - Default
V
RT,low
4.5
4.6
4.7
V
V
Q decreasing
RADJ = GND
P_5.7.2
Output Undervoltage Reset
Switching Hysteresis
V
RT,hy
60
100
–
mV
RADJ connected to GND P_5.7.3
Output Undervoltage Reset
Headroom
V
Q - VRT
V
RH
200
400
–
mV
RADJ = GND
P_5.7.4
Output Undervoltage Reset 3V3 Version only
Output Undervoltage Reset Upper
Switching Threshold
V
RT,high
3.08 3.15 3.22
V
V
Q increasing
P_5.7.5
Output Undervoltage Reset Lower
Switching Threshold - Default
V
RT,low
3.0
3.05 3.13
V
V
Q decreasing
RADJ = GND
P_5.7.6
Output Undervoltage Reset
Switching Hysteresis
V
RT,hy
60
100
–
mV
RADJ connected to GND P_5.7.7
Output Undervoltage Reset
Headroom
V
Q - VRT
V
RH
100
250
–
mV
RADJ = GND
P_5.7.8
Reset Threshold Adjustment
Reset Adjustment Switching
Threshold
V
RADJ,th
1.15 1.20 1.25
V
–
P_5.7.9
Reset Threshold Adjustment Range
V
RT,range
2.5
–
4.4
V
for
V
Q,nom =5V
P_5.7.10
Reset Threshold Adjustment Range
V
RT,range
2.5
–
2.9
V
for
V
Q,nom =3.3 V
P_5.7.11
Reset Output RO
Reset Output Low Voltage
V
RO,low
–0.2
0.4
V
1 V ≤
V
Q ≤ VRT;
R
RO ≥ 5.1 kΩ
P_5.7.12
Reset Output
Internal Pull-Up Resistor
R
RO,int
13
20
36
kΩ
internally connected to Q P_5.7.13
Reset Output External
Pull-up Resistor to
V
Q
R
RO,ext
5.1
–
–
kΩ
1V ≤
V
Q ≤ VRT ;
V
RO ≤ 0.4 V
P_5.7.14
Reset Delay Timing
Reset Delay Time
t
rd,slow
13.2 16.5 19.8
ms
DT1 connected to GND
P_5.7.20
Reset Delay Time
t
rd,fast
6.8
8.5
10.2
ms
DT1 connected to Q
P_5.7.21
Reset blanking time
trr,blank
–6
–
µs
1) for V
Q,nom =3.3 V
P_5.7.22
Reset blanking time
trr,blank
–7
–
µs
2) for V
Q,nom =5V
P_5.7.46
Internal Reset Reaction Time
t
rr,int
–7
20
µs
for
V
Q,nom =3.3 V
P_5.7.23
Internal Reset Reaction Time
t
rr,int
–10
33
µs
for
V
Q,nom =5V
P_5.7.36
Reset Delay Input DT1
Delay Input DT1
High Signal Valid
V
DT1,H
2.0
–
–
V
–
P_5.7.24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com