Electronic Components Datasheet Search
  English  ▼

X  

TLS820F0 Datasheet(PDF) 36 Page - Infineon Technologies AG

Part # TLS820F0
Description  Low Dropout Linear Voltage Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS820F0 Datasheet(HTML) 36 Page - Infineon Technologies AG

Back Button TLS820F0 Datasheet HTML 32Page - Infineon Technologies AG TLS820F0 Datasheet HTML 33Page - Infineon Technologies AG TLS820F0 Datasheet HTML 34Page - Infineon Technologies AG TLS820F0 Datasheet HTML 35Page - Infineon Technologies AG TLS820F0 Datasheet HTML 36Page - Infineon Technologies AG TLS820F0 Datasheet HTML 37Page - Infineon Technologies AG TLS820F0 Datasheet HTML 38Page - Infineon Technologies AG TLS820F0 Datasheet HTML 39Page - Infineon Technologies AG TLS820F0 Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
Data Sheet
36
Rev. 1.1, 2015-07-27
TLS820F0
Application Information
6
Application Information
6.1
Application Diagram
Note: The following information is given as a hint for the implementation of the device only and shall not be
regarded as a description or warranty of a certain functionality, condition or quality of the device.
Figure 13
Application Diagram
Note: This is a very simplified example of an application circuit. The function must be verified in the real application.
6.2
Selection of External Components
6.2.1
Input Pin
The typical input circuitry for a linear voltage regulator is shown in the application diagram above.
A ceramic capacitor at the input, in the range of 100 nF to 470 nF, is recommended to filter out the high frequency
disturbances imposed by the line e.g. ISO pulses 3a/b. This capacitor must be placed very close to the input pin
of the linear voltage regulator on the PCB.
An aluminum electrolytic capacitor in the range of 10 µF to 470 µF is recommended as an input buffer to smooth
out high energy pulses, such as ISO pulse 2a. This capacitor should be placed close to the input pin of the linear
voltage regulator on the PCB.
An overvoltage suppressor diode can be used to further suppress any high voltage beyond the maximum rating
of the linear voltage regulator and protect the device against any damage due to over-voltage.
The external components at the input are not mandatory for the operation of the voltage regulator, but they are
recommended in case of possible external disturbances.
6.2.2
Output Pin
An output capacitor is mandatory for the stability of linear voltage regulators.
The requirement to the output capacitor is given in “Functional Range” on Page 9. The graph “Output
Capacitor Series Resistor ESR(CQ) versus Output Current IQ” on Page 16 shows the stable operation range
of the device.
CQ
Load
e. g.
Micro
Controller
XC22xx
GND
Regulated Output Voltage
Supply
100nF
47µF
CI1
CI2
<45V
DI2
1µF
DI1
Bandgap
Reference
GND
Q
I
Temperature
Shutdown
EN
Enable
Reset
RO
RADJ
DT1
Watchdog
WI
WO
DT2
Current
Limitation
R1
R2
e.g. Ignition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com