Electronic Components Datasheet Search
  English  ▼

X  

RF63 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # RF63
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF63 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button RF63 Datasheet HTML 11Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 12Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 13Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 14Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 15Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 16Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 17Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 18Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 15 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
With the recommended Bill Of Materials (BOM) of the reference design of section 7.5.3, the PLL prototype is the
following:
•
64
≤ R ≤ 169
•
S < P+1
•
PLLBW = 15 kHz nominal
•
Startup times and reference frequency spurs as specified.
3.2.5. Voltage Controlled Oscillator
The integrated VCO requires only two external tank circuit inductors. As the input is differential, the two inductors
should have the same nominal value. The performance of these components is important for both the phase noise
and the power consumption of the PLL. It is recommended that a pair of high Q factor inductors is selected. These
should be mounted orthogonally to other inductors (in particular the PA choke) to reduce spurious coupling
between the PA and VCO. In addition, such measures may reduce radiated pulling effects and undesirable
transient behavior, thus minimizing spectral occupancy. Note that ensuring a symmetrical layout of the VCO
inductors will further improve PLL spectral purity.
For best performance wound type inductors, with tight tolerance, should be used as described in section 7.5.3.
3.2.5.1. SW Settings of the VCO
To guarantee the optimum operation of the VCO over the RF63
‟s frequency and temperature ranges, the
following settings should be programmed into the RF63:
Target channel
(MHz)
863-
870
902-
915
915-
928
950-
960
Freq_band
10
00
01
10
Table 10: MCParam_Freq_band Setting
3.2.5.2. Trimming the VCO Tank by Hardware and Software
To ensure that the frequency band of operation may be accurately addressed by the R, P and S dividers of the
synthesizer, it is necessary to ensure that the VCO is correctly centered. Note that for the reference design (see
section 7.5) no centering is necessary. However, any deviation from the reference design may require the
optimization procedure, outlined below, to be implemented. This procedure is simplified thanks to the built-in VCO
trimming feature which is controlled over the SPI interface. This tuning does not require any RF test equipment,
and can be achieved by simply measuring Vtune, the voltage between pins 6 (LFM) and 7 (LFP).
The VCO is centered if the voltage is within the range:
50≤ Vtune(mV ) ≤150
Note that this measurement should be conducted when in transmit mode at the center frequency of the desired
band (for example ~867 MHz in the 863-870 MHz band), with the appropriate MCParam_Freq_band setting.
If this inequality is not satisfied then adjust the MCParam_VCO_trim bits from 00 whilst monitoring Vtune. This
allows the VCO voltage to be trimmed in + 60 mV increments. Should the desired voltage range be inaccessible,
the voltage may be adjusted further by changing the tank circuit inductance value. Note that an increase in
inductance will result in an increase Vtune.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com