Electronic Components Datasheet Search
  English  ▼

X  

RF63 Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # RF63
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF63 Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button RF63 Datasheet HTML 50Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 51Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 52Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 53Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 54Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 55Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 56Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 57Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 58Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 54 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
1/BR ...Sync
1/BR
Payload...
RF chips @ BR
...
1
1
1
0
1
0
0
1
0
0
1
0
1
1
0
1
0
...
User/NRZ bits
Manchester OFF
...
1
1
1
0
1
0
0
1
0
0
1
0
1
1
0
1
0
...
User/NRZ bits
Manchester ON
...
1
1
1
0
1
0
0
1
0
0
1
1
...
Manchester encoding and decoding is only applied to the payload and CRC checksum while preamble and Sync
word are kept NRZ. However, the chip rate from preamble to CRC is the same and defined by MCParam_BR (Chip
Rate = Bit Rate NRZ = 2 x Bit Rate Manchester).
Manchester encoding/decoding is thus made transparent for the user, who still provides/retrieves NRZ data to/from
the FIFO.
t
Figure 46: Manchester Encoding/Decoding
5.5.6.2. Data Whitening
Another technique called whitening or scrambling is widely used for randomizing the user data before radio
transmission. The data is whitened using a random sequence on the Tx side and de-whitened on the Rx side using
the same sequence. Comparing to Manchester technique it has the advantage of keeping NRZ datarate i.e. actual
bit rate is not halved.
The whitening/de-whitening process is enabled by setting bit PKTParam_Whitening_on. A 9-bit LFSR is used to
generate a random sequence. The payload and 2-byte CRC checksum is then XORed with this random sequence
as shown in Figure 47. The data is de-whitened on the receiver side by XORing with the same random sequence.
Payload whitening/de-whitening is thus made transparent for the user, who still provides/retrieves NRZ data to/from
the FIFO.
L F S R P o lyn o m ia l = X 9 + X 5 + 1
X 8
X 7
X 6
X 5
X 4
X 3
X 2
X 1
X 0
T ra n s m it d a ta
W h ite n e d d a ta
Figure 47: Data Whitening
5.5.7. Interrupt Signal Mapping
Tables below give the description of the interrupts available in Packet mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com