Electronic Components Datasheet Search
  English  ▼

X  

RF63 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # RF63
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF63 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button RF63 Datasheet HTML 24Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 25Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 26Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 27Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 28Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 29Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 30Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 31Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 28 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
RXParam_RSSI_val(7:0)
24 26
27
30
25 20
20
20 18
22 33
20
22 34
33
IRQParam_RSSI_irq
Clear interrupt
Figure 21: RSSI IRQ Timings
3.4.8. Fdev Setting in Receive Mode
The effect of the Fdev setting is different between FSK and OOK modes:
3.4.8.1. FSK Rx Mode
In FSK mode the Fdev setting, as configured by MCParam_Freq_Dev, sets sampling frequencies on the receiver.
The user should make it consistent with the frequency deviation of the FSK signal that is received.
3.4.8.2. OOK Rx Mode
The frequency deviation Fdev, as described above, sets the sampling rate of the RSSI block. It is therefore
necessary to set Fdev to the recommended low-IF frequency, IF2, of 100 kHz:
3.4.9. FSK Demodulator
The FSK demodulator provides data polarity information, based on the relative phase of the input I and Q signals at
the baseband. Its outputs can be fed to the Bit Synchronizer to recover the timing information. The user can also
use the raw, unsynchronized, output of the FSK demodulator in Continuous mode.
The FSK demodulator of the RF63 operates most effectively for FSK signals with a modulation index greater
than or equal to two:
3.4.10. OOK Demodulator
The OOK demodulator performs a comparison of the RSSI output and a threshold value. Three different threshold
modes are available, programmed through the RXParam_OOK_thresh_type register.
The recommended mode of operation is the
“Peak” threshold mode, illustrated below in Figure 22:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com