Electronic Components Datasheet Search
  English  ▼

X  

RF63 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # RF63
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF63 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button RF63 Datasheet HTML 12Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 13Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 14Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 15Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 16Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 17Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 18Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 19Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 16 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
Note for mass production: The VCO capacitance is piece to piece dependant. As such, the optimization proposed
above should be verified on several prototypes, to ensure that the population is centered on 100 mV.
3.2.6. PLL Loop Filter
To adequately reject spurious components arising from the comparison frequency Fcomp, an external 2
nd order
loop filter is employed.
RL1
LF_M
CL2
CL1
LF_P
Figure 7: Loop Filter
Following the recommendations made in section 3.2.4, the loop filter proposed in the reference design
‟s bill of
material on section 7.5.3 should be used. The loop filter settings are frequency band independent and are hence
relevant to all implementations of the RF63.
3.2.7. PLL Lock Detection Indicator
The RF63 also features a PLL lock detect indicator. This is useful for optimizing power consumption, by adjusting
the synthesizer wake up time (TS_FS), since the PLL startup time is lower than specified under nominal conditions.
The lock status can be read on bit IRQParam_PLL_lock, and must be cleared by writing a
“1” to this same register.
In addition, the lock status can be reflected in pin 23 PLL_LOCK, by setting the bit IRQParam_Enable_lock_detect.
3.2.8. Frequency Calculation
As shown in Figure 5 the PLL structure comprises three different dividers, R, P and S, which set the output
frequency through the LO. A second set of dividers is also available to allow rapid switching between a pair of
frequencies: R1/P1/S1 and R2/P2/S2. These six dividers are programmed by six bytes of the register MCParam
from addresses 6 to 11.
3.2.8.1. FSK Mode
The following formula gives the relationship between the local oscillator, and R, P and S values, when using FSK
modulation.
3.2.8.2. OOK Mode
Due to the manner in which the baseband OOK symbols are generated, the signal is always offset by the FSK
frequency deviation (Fdev - as programmed in MCParam_Freq_dev). Hence, the center of the transmitted OOK
signal is:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com