Electronic Components Datasheet Search
  English  ▼

X  

RF63 Datasheet(PDF) 66 Page - List of Unclassifed Manufacturers

Part # RF63
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF63 Datasheet(HTML) 66 Page - List of Unclassifed Manufacturers

Back Button RF63 Datasheet HTML 62Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 63Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 64Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 65Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 66Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 67Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 68Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 69Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 70Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 66 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
7. Application Information
7.1. Crystal Resonator Specification
Table 34 shows the crystal resonator specification for the crystal reference oscillator circuit of the RF63. This
specification covers the full range of operation of the RF63 and is employed in the reference design (see section
7.5.3).
Table 34: Crystal Resonator Specification
Name
Description
Min.
Typ.
Max.
Unit
Fxtal
Nominal frequency
9
12.800
15
MHz
Cload
Load capacitance for Fxtal
10
15
16.5
pF
Rm
Motional resistance
-
-
100
ohms
Co
Shunt capacitance
1
-
7
pF
Fxtal
Calibration tolerance at 25+/-3°
C
-15
-
+15
ppm
Fxtal( T)
Stability over temperature range [-40°
C ; +85°
C]
-2 0
-
+20
ppm
Fxtal( t)
Ageing tolerance in first 5 years
-2
-
+2
ppm/year
Note that the initial frequency tolerance, temperature stability and ageing performance should be chosen in
accordance with the target operating temperature range and the receiver bandwidth selected.
7.2. Software for Frequency Calculation
The R1, P1, S1, and R2, P2, S2 dividers are configured over the SPI interface and programmed by 8 bits each, at
addresses 6 to 11. The frequency pairs may hence be switched in a single SPI cycle.
7.2.1. GUI
To aid the user with calculating appropriate R, P and S values, software is available to perform the frequency
calculation. The RF63 PLL frequency Calculator Software can be downloaded from the HopeRF website.
7.2.2. .dll for Automatic Production Bench
The Dynamically Linked Library (DLL) used by the software to perform these calculations is also provided, free of
charge, to users, for inclusion in automatic production testing. Key benefits of this are:
•
No hand trimming of the reference frequency required: the actual reference frequency of the Device Under Test
(DUT) can be easily measured (e.g. from the CLKOUT output of the RF63) and the tool will calculate the
best frequencies to compensate for the crystal initial error.
•
Channel plans can be calculated and stored in the application
‟s memory, then adapted to the actual crystal
oscillator frequency.
7.3. Switching Times and Procedures
As an ultra-low power device, the RF63 can be configured for low minimum average power consumption. To
minimize consumption the following optimized transitions between modes are shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com