Electronic Components Datasheet Search
  English  ▼

X  

RF63 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # RF63
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF63 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button RF63 Datasheet HTML 16Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 17Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 18Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 19Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 20Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 21Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 22Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 23Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 20 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
3.3.6. Interpolation Filter
After digital to analog conversion, both I and Q signals are smoothed by interpolation filters. This block low-pass
filters the digitally generated signal, and prevents the alias signals from entering the modulators. Its bandwidth can
be programmed with the register RXParam_InterpFiltTx, and should be set to:
Where Fdev is the programmed frequency deviation as set in MCParam_Freq_dev, and BR is the physical Bit Rate
of transmission.
Notes:
•
Low interpolation filter bandwidth will attenuate the baseband I/Q signals thus reducing the power of the FSK
signal. Conversely, excessive bandwidth will degrade spectral purity.
•
For the wideband FSK modulation, for example when operating in DTS mode, the recommended filter setting
can not be reached. However, the impact upon spectral purity will be negligible, due to the already wideband
channel.
3.3.7. Power Amplifier
The Power Amplifier (PA) integrated in the RF63 operates under a regulated voltage supply of 1.8 V. The
external PA choke inductor is biased by an internal regulator output made available on pin 29 (VR_PA). Thanks to
these features, the PA output power is consistent over the power supply range. This is important for mobile
applications where this allows both predictable RF performance and battery life.
3.3.7.1. Rise and Fall Times Control
In OOK mode, the PA ramp times can be accurately controlled through the MCParam_PA_ramp register. Those
bits directly control the slew rate of VR_PA output (pin 29).
Table 11: PA Rise/Fall Times
MCParam_PA_ramp
tVR_PA
tPA_OUT (rise / fall)
00
3 us
2.5 / 2 us
01
8.5 us
5 / 3 us
10
15 us
10 / 6 us
11
23 us
20 / 10 us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com