Electronic Components Datasheet Search
  English  ▼

X  

RF63 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # RF63
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF63 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button RF63 Datasheet HTML 23Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 24Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 25Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 26Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 27Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 28Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 29Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 30Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 27 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
In OOK mode, the RSSI evaluates the signal strength by sampling I(t) and Q(t) signals 16 times in each period of
the chosen IF2 frequency (refer to section 3.4.1). In FSK mode, the signals are sampled 16 times in each Fdev
period, Fdev being the frequency deviation of the companion transmitter. An average is then performed over a
sliding window of 16 samples. Hence, the RSSI output register RXParam_RSSI is updated 16 times in each Fdev
or IF2 period.
The following settings should be respected:
•
FSK Mode: Ensure that the Fdev parameter (as described in MCParam_Fdev) remains consistent with the
actual frequency deviation of the companion transmitter.
•
OOK reception: Ensure that the Fdev parameter (as described in MCParam_Fdev) is equal with the frequency
of I(t) and Q(t) signals, i.e. the second Intermediate Frequency, IF2, of the receiver (Note that this equals Fo,
the center frequency of the polyphase filter).
3.4.7.3. Dynamic Range
The dynamic range of the RSSI is over 70 dB, extending from the nominal sensitivity level. The IF gain setting
available in MCParam_IF_gain is used to achieve this dynamic range:
RSSI Response
180
160
140
120
100
80
60
40
20
0
-120
-100
-80
-60
-40
-20
0
Pin [dBm]
IF_Gain=00
IF_Gain=01
IF_Gain=10
IF_Gain=11
Figure 20: RSSI Dynamic Range
The RSSI response versus input signal is independent of the receiver filter bandwidth. However in the absence of
any input signal, the minimum value directly reflects upon the noise floor of the receiver, which is dependant on the
filter bandwidth of the receiver.
3.4.7.4. RSSI IRQ Source
The RF63 can also be used to detect a RSSI level above a pre-configured threshold. The threshold is set in
IRQParam_RSSI_irq_thresh and the IRQ status stored in IRQParam_RSSI_irq (cleared by writing a
“1”).
An
interrupt
can
be
mapped
to
the
IRQ0
or
IRQ1
pins
via
bits
IRQParam_Rx_stby_irq0
or
IRQParam_Rx_stby_irq1. Figure
21
shows
the
timing
diagram
of
the
RSSI
interrupt
source,
with
IRQParam_RSSI_irq_thresh set to 28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com