Electronic Components Datasheet Search
  English  ▼

X  

SSL8516BT Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SSL8516BT
Description  Greenchip PFC and flyback controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL8516BT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SSL8516BT Datasheet HTML 4Page - NXP Semiconductors SSL8516BT Datasheet HTML 5Page - NXP Semiconductors SSL8516BT Datasheet HTML 6Page - NXP Semiconductors SSL8516BT Datasheet HTML 7Page - NXP Semiconductors SSL8516BT Datasheet HTML 8Page - NXP Semiconductors SSL8516BT Datasheet HTML 9Page - NXP Semiconductors SSL8516BT Datasheet HTML 10Page - NXP Semiconductors SSL8516BT Datasheet HTML 11Page - NXP Semiconductors SSL8516BT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
SSL8516BT
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 26 May 2015
8 of 35
NXP Semiconductors
SSL8516BT
Greenchip PFC and flyback controller
7.1.3 Supply management
All internal reference voltages are derived from a temperature compensated and trimmed
on-chip band gap circuit. Internal reference currents are derived from a temperature
compensated and trimmed on-chip current reference circuit.
7.1.4 Latch input
The LATCH pin is a general-purpose input pin which is used to switch off both converters.
The pin sources a current IO(LATCH) of 30.5 A. Switching of both converters is stopped
when VLATCH is < 494 mV. A latched protection is triggered. It can be reset by removing
the voltage from both the VCC and HV pins or by the fast latch reset function
(see Section 7.1.5).
At initial start-up, switching is prevented until the capacitor on the LATCH pin is charged
above 582 mV. No internal filtering is performed on this pin. An internal 1.75 V clamp
protects the pin from excessive voltages.
7.1.5 Fast latch reset
In a typical application, the mains can be interrupted briefly to reset the latched protection.
The bulk capacitor Cbulk does not have to discharge for this latched protection to reset.
When the VINSENSE voltage drops below 750 mV and is then raised to 860 mV, the
latched protection is reset.
The latched protection is also reset by removing both the voltage on the VCC and HV pins.
7.1.6 Overtemperature protection
An accurate internal temperature protection is provided in the IC. When the junction
temperature exceeds the thermal shut-down temperature, the IC stops switching. While
OTP is active, the capacitor CVCC is not recharged from the HV mains. If the VCC supply
voltage is not sufficient, the OTP circuit is supplied from the HV pin.
OTP is a safe restart protection.
7.2 Power factor correction circuit
The Power Factor Correction (PFC) circuit operates in Quasi-Resonant (QR) or
Discontinuous Conduction Mode (DCM) with valley switching. The next primary stroke is
only started when the previous secondary stroke has ended and the voltage across the
PFC MOSFET has reached the minimum value.
VPFCAUX is used to detect transformer demagnetization and the minimum voltage across
the external PFC MOSFET switch.
7.2.1 ton control (PFCCOMP pin)
The power factor correction circuit is operated in ton control. The resulting mains harmonic
reduction is well within the class-C lighting requirements.
VPFCCOMP determines the on-time of the PFC. The VVOSENSE is the transconductance
amplifier input which outputs current to the PFCCOMP pin. The regulation
VVOSENSE = 2.5 V. The network connected to the PFCCOMP pin and the
transconductance amplifier determine the dynamic behavior of the PFC control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com