Electronic Components Datasheet Search
  English  ▼

X  

SSL8516BT Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SSL8516BT
Description  Greenchip PFC and flyback controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL8516BT Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SSL8516BT Datasheet HTML 18Page - NXP Semiconductors SSL8516BT Datasheet HTML 19Page - NXP Semiconductors SSL8516BT Datasheet HTML 20Page - NXP Semiconductors SSL8516BT Datasheet HTML 21Page - NXP Semiconductors SSL8516BT Datasheet HTML 22Page - NXP Semiconductors SSL8516BT Datasheet HTML 23Page - NXP Semiconductors SSL8516BT Datasheet HTML 24Page - NXP Semiconductors SSL8516BT Datasheet HTML 25Page - NXP Semiconductors SSL8516BT Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
SSL8516BT
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 26 May 2015
22 of 35
NXP Semiconductors
SSL8516BT
Greenchip PFC and flyback controller
9.
Thermal characteristics
10. Characteristics
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Typ Unit
Rth(j-a)
thermal resistance from junction to
ambient
in free air; JEDEC test board
127 K/W
Rth(j-c)
thermal resistance from junction to
case
in free air; JEDEC test board
36
K/W
Table 5.
Characteristics
Tamb =25 C; VCC = 20 V; all voltages are measured with respect to ground (pin 2); currents are positive when flowing into
the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Start-up current source (HV pin)
IHV
current on pin HV
VHV >75V
VCC <Vtrip
0.9
1.1
1.3
mA
Vth(UVLO) <VCC <Vstartup;
initial start-up
45
6mA
Vth(UVLO) <VCC <Vstartup; restart
0.8
1
1.2
mA
Vtrip <VCC <Vth(UVLO)
45
6mA
with auxiliary supply
-
-
1.5
A
in Power-down mode; VCC = 0 V
5
12
25
A
VBR
breakdown voltage
650
-
-
V
Supply voltage management (VCC pin)
Vtrip
trip voltage
0.5
0.6
0.7
V
Vstartup
start-up voltage
21.3
22.3
23.3
V
Vth(UVLO)
undervoltage lockout
threshold voltage
12.4
13.4
14.4
V
Vhys
hysteresis voltage
Vstartup  Vth(UVLO)
8.3
8.9
9.5
V
Vprot(UVLO)
undervoltage lockout
voltage protection
voltage
burst mode
-
Vth(UVLO) +0.8 -
V
Ich(low)
low charging current
VHV >75V
VCC <Vtrip
1.15 1
0.85 mA
Vth(UVLO) <VCC <Vstartup
1.05 0.9
0.75 mA
Ich(high)
high charging current
VHV >75V; Vtrip <VCC <Vth(UVLO)
5.8
4.9
4mA
Vth(UVLO) <VCC <Vstartup;
initial start-up
5.8
4.9
4mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com