Electronic Components Datasheet Search
  English  ▼

X  

SSL8516BT Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SSL8516BT
Description  Greenchip PFC and flyback controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL8516BT Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SSL8516BT Datasheet HTML 6Page - NXP Semiconductors SSL8516BT Datasheet HTML 7Page - NXP Semiconductors SSL8516BT Datasheet HTML 8Page - NXP Semiconductors SSL8516BT Datasheet HTML 9Page - NXP Semiconductors SSL8516BT Datasheet HTML 10Page - NXP Semiconductors SSL8516BT Datasheet HTML 11Page - NXP Semiconductors SSL8516BT Datasheet HTML 12Page - NXP Semiconductors SSL8516BT Datasheet HTML 13Page - NXP Semiconductors SSL8516BT Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
SSL8516BT
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 26 May 2015
10 of 35
NXP Semiconductors
SSL8516BT
Greenchip PFC and flyback controller
7.2.5 Soft-start (PFCSENSE pin)
To prevent audible transformer noise at start-up or during hiccup, the soft-start function
slowly increases the transformer peak current. To implement a soft-start function, place a
capacitor CSS1 in parallel with resistor RSS1 (see Figure 5). An internal current source
charges the capacitor to:
(1)
The voltage is limited to Vstart(soft)PFC.
The start level and time constant of the increasing primary current level is externally
adjusted by changing the RSS1 and CSS1 values.
(2)
The charging current Istart(soft)PFC flows while the PFCSENSE pin voltage is < 0.5 V. If
VPFCSENSE exceeds 0.5 V, the soft-start current source starts limiting current Istart(soft)PFC.
When the PFC starts switching, the Istart(soft)PFC current source is switched off; see
Figure 5.
7.2.6 PFC switch-on/switch-off control
When the flyback converter output power (see Section 7.3) is low, the flyback converter
switches to FR mode. When the switching frequency of the flyback in
FR mode < fsw(fb)swoff(PFC) (53 kHz), the PFC circuit is switched off to maintain high
efficiency. To delay the PFC switching off, connect a capacitor to the PFCTIMER pin (see
Section 7.2.7).
During low-power mode operation and start-up (when PFC is disabled, e.g. at no-load),
the PFCCOMP pin is clamped to a minimum voltage of 3.32 V or 1.18 V and a maximum
voltage of 3.75 V. The minimum clamp voltage depends on VVINSENSE. This voltage limits
the maximum power that is delivered when the PFC switches on again. The upper clamp
voltage ensures that the PFC returns from low-power mode to its normal regulation point
in a limited time.
In FR mode, when the flyback converter switching frequency exceeds
fsw(fb)swon(PFC) (73 kHz), the PFC circuit is switched on. If the flyback converter duty cycle
is > 50 % or VFBCTRL is > 3.75 V, the PFC circuit is also switched on.
Fig 5.
Soft start of the PFC
V
PFCSENSE
I
start soft
PFC
R
SS1
=
start soft
PFC
3R
SS1
C
SS1
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com