Electronic Components Datasheet Search
  English  ▼

X  

SSL8516BT Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SSL8516BT
Description  Greenchip PFC and flyback controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL8516BT Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SSL8516BT Datasheet HTML 10Page - NXP Semiconductors SSL8516BT Datasheet HTML 11Page - NXP Semiconductors SSL8516BT Datasheet HTML 12Page - NXP Semiconductors SSL8516BT Datasheet HTML 13Page - NXP Semiconductors SSL8516BT Datasheet HTML 14Page - NXP Semiconductors SSL8516BT Datasheet HTML 15Page - NXP Semiconductors SSL8516BT Datasheet HTML 16Page - NXP Semiconductors SSL8516BT Datasheet HTML 17Page - NXP Semiconductors SSL8516BT Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
SSL8516BT
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 26 May 2015
14 of 35
NXP Semiconductors
SSL8516BT
Greenchip PFC and flyback controller
7.3.2 Valley switching (HV pin)
A new cycle starts when the external MOSFET is switched on. VFBSENSE and VFBCTRL
determine the on-time. The MOSFET is then switched off and the secondary stroke starts
(see Figure 9). After the secondary stroke, the drain voltage shows an oscillation with a
frequency of approximately:
(3)
where Lp is the primary self-inductance of the flyback transformer and Cd is the
capacitance on the drain node.
When the secondary stroke ends and the internal oscillator voltage is high again, the
circuit waits for the lowest drain voltage before starting a new primary stroke.
Figure 9 shows the drain voltage, valley signal, secondary stroke signal and the internal
oscillator signal.
Valley switching allows high frequency operation because capacitive switching losses are
reduced (see Equation 4). High frequency operation makes small and cost-effective
magnetic components possible.
(4)
Fig 8.
Flyback frequency control
f
1
2
L
p
C
d


---------------------------------------------------
=
P
1
2
---
C
d
V
2
f
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com