Electronic Components Datasheet Search
  English  ▼

X  

SSL8516BT Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SSL8516BT
Description  Greenchip PFC and flyback controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL8516BT Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SSL8516BT Datasheet HTML 14Page - NXP Semiconductors SSL8516BT Datasheet HTML 15Page - NXP Semiconductors SSL8516BT Datasheet HTML 16Page - NXP Semiconductors SSL8516BT Datasheet HTML 17Page - NXP Semiconductors SSL8516BT Datasheet HTML 18Page - NXP Semiconductors SSL8516BT Datasheet HTML 19Page - NXP Semiconductors SSL8516BT Datasheet HTML 20Page - NXP Semiconductors SSL8516BT Datasheet HTML 21Page - NXP Semiconductors SSL8516BT Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
SSL8516BT
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 26 May 2015
18 of 35
NXP Semiconductors
SSL8516BT
Greenchip PFC and flyback controller
7.3.7 Soft-start (FBSENSE pin)
To prevent audible transformer noise during start-up, the soft-start function slowly
increases the transformer peak current. To implement the soft-start function, place a
capacitor CSS2 in parallel with resistor RSS2 (see Figure 14).
An internal current source charges the capacitor to:
(5)
with a maximum of 0.55 V.
The start level and the time constant of the increasing primary current level can be
adjusted externally by changing the values of RSS2 and CSS2.
(6)
The soft-start current Istart(soft)fb switches on when VCC reaches Vstartup. When the
VFBSENSE reaches 0.55 V, the flyback converter starts switching.
The charging current Istart(soft)fb flows when the VFBSENSE is < 0.55 V. If VFBSENSE exceeds
0.55 V, the soft-start current source starts limiting the current. After the flyback converter
has started, the soft-start current source is switched off.
When the IC is operating in the burst mode, the soft-start function is switched off.
Fig 13. Burst mode operation
VI
start soft
fb
R
SS2
=
start soft
fb
3R
SS2
C
SS2
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com