Electronic Components Datasheet Search
  English  ▼

X  

SSL8516BT Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SSL8516BT
Description  Greenchip PFC and flyback controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL8516BT Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SSL8516BT Datasheet HTML 8Page - NXP Semiconductors SSL8516BT Datasheet HTML 9Page - NXP Semiconductors SSL8516BT Datasheet HTML 10Page - NXP Semiconductors SSL8516BT Datasheet HTML 11Page - NXP Semiconductors SSL8516BT Datasheet HTML 12Page - NXP Semiconductors SSL8516BT Datasheet HTML 13Page - NXP Semiconductors SSL8516BT Datasheet HTML 14Page - NXP Semiconductors SSL8516BT Datasheet HTML 15Page - NXP Semiconductors SSL8516BT Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
SSL8516BT
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 26 May 2015
12 of 35
NXP Semiconductors
SSL8516BT
Greenchip PFC and flyback controller
7.2.9 Mains undervoltage lockout/brownout protection (VINSENSE pin)
To prevent the PFC from operating at very low mains input voltages, VVINSENSE is sensed
continuously. When VVINSENSE drops below the Vstop(VINSENSE) level, switching of the PFC
is stopped.
7.2.10 Overvoltage protection (VOSENSE pin)
To prevent output overvoltage during load steps and mains transients, an overvoltage
protection circuit is built in.
When VVOSENSE exceeds the VOVP(VOSENSE) level, switching of the PFC circuit is
prevented. Switching of the PFC restarts when the VOSENSE pin voltage drops below the
VOVP(VOSENSE) level again.
OVP is also triggered when the resistor between the VOSENSE pin and ground is open.
7.2.11 PFC open-loop protection (VOSENSE pin)
The PFC circuit does not start switching until the VVOSENSE pin is greater than the
Vth(start)(VOSENSE) level. This feature protects the application from open-loop and
VOSENSE short-circuit situations.
7.2.12 Driver (PFCDRIVER pin)
The driver circuit to the gate of the power MOSFET includes a current sourcing capability
of 500 mA at 2 V on the PFCDRIVER pin. It also includes a current sink capability of 1.2 A
at 10 V on the PFCDRIVER pin. These capabilities ensure fast switch-on and switch-off of
the power MOSFET for efficient operation.
7.3 Flyback controller
The SSL8516BT includes a controller for a flyback converter. The flyback converter
operates in quasi-resonant or discontinuous conduction mode or burst mode with valley
switching. The auxiliary winding of the flyback transformer provides demagnetization
detection and powers the IC after start-up.
7.3.1 Multimode operation
The SSL8516BT flyback controller can operate in several modes; see Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com