Electronic Components Datasheet Search
  English  ▼

X  

SSL8516BT Datasheet(PDF) 24 Page - NXP Semiconductors

Part # SSL8516BT
Description  Greenchip PFC and flyback controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL8516BT Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button SSL8516BT Datasheet HTML 20Page - NXP Semiconductors SSL8516BT Datasheet HTML 21Page - NXP Semiconductors SSL8516BT Datasheet HTML 22Page - NXP Semiconductors SSL8516BT Datasheet HTML 23Page - NXP Semiconductors SSL8516BT Datasheet HTML 24Page - NXP Semiconductors SSL8516BT Datasheet HTML 25Page - NXP Semiconductors SSL8516BT Datasheet HTML 26Page - NXP Semiconductors SSL8516BT Datasheet HTML 27Page - NXP Semiconductors SSL8516BT Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
SSL8516BT
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 26 May 2015
24 of 35
NXP Semiconductors
SSL8516BT
Greenchip PFC and flyback controller
Vclamp(PFCCOMP)
clamp voltage on pin
PFCCOMP
low-power mode; PFC off; initial
start-up; lower clamp voltage.
[1]
VINSENSE
 V
th(sel)clmp +
Vth(sel)clmp(hys) on pin VINSENSE;
VVOSENSE =2V
[2] 3.2
3.32
3.44
V
VINSENSE < Vth(sel)clmp on pin
VINSENSE; VVOSENSE =2V
[2] 1.06
1.18
1.30
V
upper clamp voltage
3.6
3.75
3.9
V
high-power mode; PFC on;
uni-directional source clamp;
IPFCCOMP = 30 A;
VVOSENSE =2.5 V
1.09
1.19
1.29
V
Vton(PFCCOMP)zero
zero on-time voltage
on pin PFCCOMP
3.4
3.5
3.6
V
Pulse-width modulator PFC
ton(PFC)
PFC on-time
VVINSENSE =3.3 V; VVOSENSE =2V;
VPFCCOMP =Vclamp(PFCCOMP)
(lower clamp)
3.6
4.7
5.8
s
VVINSENSE =1V; VVOSENSE =2V;
VPFCCOMP =Vclamp(PFCCOMP)
(lower clamp)
33
46
59
s
Output voltage sensing PFC (VOSENSE pin)
Vth(start)VOSENSE
start threshold
voltage on pin
VOSENSE
open-loop
0.45
0.5
0.55
V
Vth(stop)VOSENSE
stop threshold
voltage on pin
VOSENSE
0.35
0.4
0.45
V
Vhys(VOSENSE)
hysteresis voltage on
pin VOSENSE
Vth(start)VOSENSE  Vth(stop)VOSENSE
75
100
125
mV
Vreg(VOSENSE)
regulation voltage on
pin VOSENSE
for IO(PFCCOMP) = 0 A
2.475
2.5
2.525
V
VOVP(VOSENSE)
ton =0 s
2.59
2.62
2.65
V
Iprot(VOSENSE)
protection current on
pin VOSENSE
50
25
5nA
Overcurrent protection PFC (PFCSENSE pin)
Vsense(PFC)max
maximum PFC sense
voltage
V/t = 0 V/s
465
495
525
mV
td(PFCDRIVER)
delay time on pin
PFCDRIVER
VPFCSENSE pulse-stepping 400 mV
around Vsense(PFC)max
-50
-ns
tleb(PFC)
PFC leading edge
blanking time
VPFCSENSE = 0.75 V
230
290
350
ns
Iprot(PFCSENSE)
protection current on
pin PFCSENSE
50
-
5nA
Table 5.
Characteristics …continued
Tamb =25 C; VCC = 20 V; all voltages are measured with respect to ground (pin 2); currents are positive when flowing into
the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com