Electronic Components Datasheet Search
  English  ▼

X  

SSL8516BT Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SSL8516BT
Description  Greenchip PFC and flyback controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL8516BT Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SSL8516BT Datasheet HTML 13Page - NXP Semiconductors SSL8516BT Datasheet HTML 14Page - NXP Semiconductors SSL8516BT Datasheet HTML 15Page - NXP Semiconductors SSL8516BT Datasheet HTML 16Page - NXP Semiconductors SSL8516BT Datasheet HTML 17Page - NXP Semiconductors SSL8516BT Datasheet HTML 18Page - NXP Semiconductors SSL8516BT Datasheet HTML 19Page - NXP Semiconductors SSL8516BT Datasheet HTML 20Page - NXP Semiconductors SSL8516BT Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
SSL8516BT
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 26 May 2015
17 of 35
NXP Semiconductors
SSL8516BT
Greenchip PFC and flyback controller
7.3.6 Burst mode operation (FBCTRL pin)
The flyback controller enters the burst mode when the output power is very low and the
switching frequency is < 25 kHz. In burst mode, the flyback converter switching frequency
is 36.5 kHz. The minimum flyback sense voltage of 232 mV, in combination with an offset
voltage (see Section 7.3.3), determines the peak current.
A burst cycle starts when one of the following is made:
• VFBCTRL > 2.4 V
• VCC <Vprot(UVLO). This voltage level is typically 0.8 V > Vth(UVLO)
The burst cycle is stopped when VFBCTRL <0.77V.
In burst mode, the internal IC supply current is reduced to improve the no-load and
low-load input power.
The burst mode is exited and normal operation resumes when the VFBCTRL >2.8 V
(see Figure 13).
Fig 11. Time-out protection circuit
Fig 12. SSL8516BT time-out protection (signals) and safe restart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com