Electronic Components Datasheet Search
  English  ▼

X  

SSL8516BT Datasheet(PDF) 26 Page - NXP Semiconductors

Part # SSL8516BT
Description  Greenchip PFC and flyback controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL8516BT Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button SSL8516BT Datasheet HTML 22Page - NXP Semiconductors SSL8516BT Datasheet HTML 23Page - NXP Semiconductors SSL8516BT Datasheet HTML 24Page - NXP Semiconductors SSL8516BT Datasheet HTML 25Page - NXP Semiconductors SSL8516BT Datasheet HTML 26Page - NXP Semiconductors SSL8516BT Datasheet HTML 27Page - NXP Semiconductors SSL8516BT Datasheet HTML 28Page - NXP Semiconductors SSL8516BT Datasheet HTML 29Page - NXP Semiconductors SSL8516BT Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
SSL8516BT
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 26 May 2015
26 of 35
NXP Semiconductors
SSL8516BT
Greenchip PFC and flyback controller
OverVoltage Protection flyback (FBAUX pin)
Iovp(FBAUX)
overvoltage
protection current on
pin FBAUX
279
300
321
A
Demagnetization management flyback (FBAUX pin)
Vth(comp)FBAUX
comparator threshold
voltage on pin
FBAUX
60
90
120
mV
Iprot(FBAUX)
protection current on
pin FBAUX
VFBAUX =50 mV
65
-
5nA
Vclamp(FBAUX)
clamp voltage on pin
FBAUX
IFBAUX = 100 A
0.75 0.7
0.65 V
IFBAUX =300 A
0.87
0.92
0.97
V
tsup(xfmr_ring)
transformer ringing
suppression time
1.7
2.2
2.7
s
Pulse width modulator flyback
ton(fb)max
maximum flyback
on-time
32.5
38.5
44.5
s
Oscillator flyback
fsw(fb)max
maximum flyback
switching frequency
110
130
150
kHz
Vstart(red)f
frequency reduction
start voltage
transfer from DCM/QR to FR mode
3.8
4
4.2
V
fsw(fb)swon(PFC)
PFC switch-on
flyback switching
frequency
70
73
76
kHz
fsw(fb)swoff(PFC)
PFC switch-off
flyback switching
frequency
50
53
56
kHz
fsw(fb)burst(ent)
enter burst mode
flyback switching
frequency
enter burst mode
21
25
29
kHz
fsw(fb)burst
burst mode flyback
switching frequency
normal operation
31
36.5
42
kHz
Ven(PFC)FBCTRL
PFC enable voltage
on pin FBCTRL
override voltage
3.4
3.75
4.1
V
fsw(fb)vco
voltage controlled
oscillator flyback
switching frequency
VFBCTRL = 2.8 V
4553
61kHz
Peak current control flyback (FBCTRL pin)
VFBCTRL
voltage on pin
FBCTRL
for maximum flyback peak current
4.6
4.9
5.2
V
Vto(FBCTRL)
time-out voltage on
pin FBCTRL
enable voltage
5.3
5.5
5.7
V
trip voltage
7.3
7.75
8.2
V
Vth(burst)off
off-state burst mode
threshold voltage
on pin FBCTRL
0.62
0.77
0.92
V
Table 5.
Characteristics …continued
Tamb =25 C; VCC = 20 V; all voltages are measured with respect to ground (pin 2); currents are positive when flowing into
the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com