Electronic Components Datasheet Search
  English  ▼

X  

LM3676 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM3676
Description  2-MHz 600-mA Step-Down DC-DC Converter With Mode Control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3676 Datasheet(HTML) 4 Page - Texas Instruments

  LM3676 Datasheet HTML 1Page - Texas Instruments LM3676 Datasheet HTML 2Page - Texas Instruments LM3676 Datasheet HTML 3Page - Texas Instruments LM3676 Datasheet HTML 4Page - Texas Instruments LM3676 Datasheet HTML 5Page - Texas Instruments LM3676 Datasheet HTML 6Page - Texas Instruments LM3676 Datasheet HTML 7Page - Texas Instruments LM3676 Datasheet HTML 8Page - Texas Instruments LM3676 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LM3676
SNVS426C – NOVEMBER 2006 – REVISED MAY 2013
www.ti.com
Operating Ratings
(1) (2)
Input Voltage Range
2.9V to 5.5V
Recommended Load Current
0mA to 600 mA
Junction Temperature (TJ) Range
−30°C to +125°C
Ambient Temperature (TA) Range
(3)
−30°C to +85°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings are conditions under
which operation of the device is ensured. Operating Ratings may not imply performance limits. For performance limits and associated
test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
In Applications where high power dissipation and/or poor package resistance is present, the maximum ambient temperature may have
to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX), the
maximum power dissipation of the device in the application (PD-MAX) and the junction to ambient thermal resistance of the package (θJA)
in the application, as given by the following equation:TA-MAX= TJ-MAX− (θJAx PD-MAX). Refer to Dissipation rating table for PD-MAX values at
different ambient temperatures.
Thermal Properties
Junction-to-Ambient Thermal Resistance (
θJA) for 4 layer board
(1)
56°C/W
(1)
Junction to ambient thermal resistance (
θJA) is highly application and board layout dependent. In applications where high power
dissipation exists, special care must be given to thermal dissipation issues in board design. Specified value of 130 °C/W for WSON is
based on a 4 layer, 4" x 3", 2/1/1/2 oz. Cu board as per JEDEC standards is used.
Electrical Characteristics
(1) (2) (3)
Limits in standard typeface are for TJ = 25°C. Limits in boldface type apply over the full operating junction temperature range
(
−30°C ≤ TJ ≤ +125°C). Unless otherwise noted, specifications apply to the LM3676SD with VIN = 3.6V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VFB
Feedback Voltage (Fixed / Adj) (4)
-4
+4
%
Line Regulation
2.9V
≤ VIN ≤ 5.5V
0.031
%/V
IO = 10 mA
Load Regulation
100 mA
≤ IO ≤ 600 mA
0.0013
%/mA
VIN= 3.6V
VREF
Internal Reference Voltage
0.5
V
ISHDN
Shutdown Supply Current
EN = 0V
0.01
2
µA
IQ
DC Bias Current into VIN
No load, device is not switching (FB
16
35
µA
forced higher than programmed output
voltage)
RDSON (P)
Pin-Pin Resistance for PFET
380
500
m
Ω
RDSON (N)
Pin-Pin Resistance for NFET
250
400
m
Ω
ILIM
Switch Peak Current Limit (5)
Open Loop
830
1020
1200
mA
VIH
Logic High Input for EN and Mode Pin
1.0
V
VIL
Logic Low Input for EN and Mode Pin
0.4
V
IEN
Enable (EN) Input Current
0.01
1
µA
IMode
Mode Pin Input Current
0.01
1
µA
FOSC
Internal Oscillator Frequency
PWM Mode
1.6
2
2.6
MHz
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are specified by design, test or statistical analysis. Typical numbers represent the most likely norm.
(3)
The parameters in the electrical characteristic table are tested at VIN= 3.6V unless otherwise specified. For performance over the input
voltage range refer to datasheet curves.
(4)
Test condition: for VOUT less than 2.5V, VIN = 3.6V; for VOUT greater than or equal to 2.5V, VIN = VOUT + 1V.
(5)
Refer to datasheet curves for closed loop data and its variation with regards to supply voltage and temperature. Electrical Characteristic
table reflects open loop data (FB=0V and current drawn from SW pin ramped up until cycle by cycle current limit is activated). Closed
loop current limit is the peak inductor current measured in the application circuit by increasing output current until output voltage drops
by 10%.
Dissipation Ratings
θJA
TA≤ 25°C
TA= 60°C
TA= 85°C
Power Rating
Power Rating
Power Rating
56°C/W (4 layer board) 8 Lead non-pullback WSON package
1.78W
1.16W
714mW
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3676



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com