Electronic Components Datasheet Search
  English  ▼

X  

LM3676 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3676
Description  2-MHz 600-mA Step-Down DC-DC Converter With Mode Control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3676 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3676 Datasheet HTML 9Page - Texas Instruments LM3676 Datasheet HTML 10Page - Texas Instruments LM3676 Datasheet HTML 11Page - Texas Instruments LM3676 Datasheet HTML 12Page - Texas Instruments LM3676 Datasheet HTML 13Page - Texas Instruments LM3676 Datasheet HTML 14Page - Texas Instruments LM3676 Datasheet HTML 15Page - Texas Instruments LM3676 Datasheet HTML 16Page - Texas Instruments LM3676 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
LM3676
www.ti.com
SNVS426C – NOVEMBER 2006 – REVISED MAY 2013
SOFT START
The LM3676 has a soft-start circuit that limits in-rush current during start-up. During start-up the switch current
limit is increased in steps. Soft start is activated only if EN goes from logic low to logic high after Vin reaches
2.9V. Soft start is implemented by increasing switch current limit in steps of 70mA, 140mA, 280mA and 1020mA
(typical switch current limit). The start-up time thereby depends on the output capacitor and load current
demanded at start-up. Typical start-up times with a 10µF output capacitor and 300mA load is 400µs and with
1mA load is 275µs.
LDO - LOW DROP OUT OPERATION
The LM3676-ADJ can operate at 100% duty cycle (no switching; PMOS switch completely on) for low drop out
support of the output voltage. In this way the output voltage will be controlled down to the lowest possible input
voltage. When the device operates near 100% duty cycle, output voltage ripple is approximately 25 mV.
The minimum input voltage needed to support the output voltage is
VIN, MIN = ILOAD * (RDSON (P) + RINDUCTOR) + VOUT
ILOAD = Load current
RDSON (P) = Drain to source resistance of PFET switch in the triode region
RINDUCTOR = Inductor resistance
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3676



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com