Electronic Components Datasheet Search
  English  ▼

X  

LM3676 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM3676
Description  2-MHz 600-mA Step-Down DC-DC Converter With Mode Control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3676 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3676 Datasheet HTML 5Page - Texas Instruments LM3676 Datasheet HTML 6Page - Texas Instruments LM3676 Datasheet HTML 7Page - Texas Instruments LM3676 Datasheet HTML 8Page - Texas Instruments LM3676 Datasheet HTML 9Page - Texas Instruments LM3676 Datasheet HTML 10Page - Texas Instruments LM3676 Datasheet HTML 11Page - Texas Instruments LM3676 Datasheet HTML 12Page - Texas Instruments LM3676 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
VOUT
TIME (100 Ps/DIV)
EN
VSW
2V/DIV
500 mV/DIV
VIN = 3.6V
VOUT = 1.5V
IOUT = 1 mA
2V/DIV
VOUT
TIME (100 Ps/DIV)
EN
VSW
2V/DIV
500 mA/DIV
VIN = 3.6V
VOUT = 1.5V
2V/DIV
IOUT = 300 mA
IL
1V/DIV
LM3676
www.ti.com
SNVS426C – NOVEMBER 2006 – REVISED MAY 2013
Typical Performance Characteristics (continued)
Circuit of LM3676, VIN= 3.6V, VOUT= 1.5V, TA= 25°C, unless otherwise noted.
Load Transient Response
Start Up into PWM Mode
VOUT = 1.5V (PWM Mode)
VOUT = 1.5V (Output Current= 300mA)
Figure 23.
Figure 24.
Start Up into PFM Mode
VOUT = 1.5V (Output Current= 1mA)
Figure 25.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3676



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com