Electronic Components Datasheet Search
  English  ▼

X  

LM3676 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3676
Description  2-MHz 600-mA Step-Down DC-DC Converter With Mode Control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3676 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3676 Datasheet HTML 3Page - Texas Instruments LM3676 Datasheet HTML 4Page - Texas Instruments LM3676 Datasheet HTML 5Page - Texas Instruments LM3676 Datasheet HTML 6Page - Texas Instruments LM3676 Datasheet HTML 7Page - Texas Instruments LM3676 Datasheet HTML 8Page - Texas Instruments LM3676 Datasheet HTML 9Page - Texas Instruments LM3676 Datasheet HTML 10Page - Texas Instruments LM3676 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
0
100
200
300
400
500
600
OUTPUT CURRENT (mA)
1.48
1.5
1.52
1.54
VIN = 3.6V
VOUT = 1.5V
PFM Mode
PWM Mode
VOUT
40 Ps/DIV
3.6V
VIN
3.0V
20 mV/DIV
AC Coupled
VOUT = 1.5V
IOUT = 400 mA
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE(V)
1.4800
1.4900
1.5000
1.5100
1.5200
1.5300
= 10 mA
I OUT
= 1.5 V
OUT
V
= 300 mA
I OUT
= 500 mA
I OUT
= 600 mA
I OUT
-10
10
30
50
70
90
TEMPERATURE (
oC)
1.4800
1.4850
1.4900
1.4950
1.5000
1.5050
1.5100
1.5150
1.5200
1.5250
1.5300
-30
PFM Mode
PWM Mode
IOUT = 300 mA
VIN = 3.6V
VOUT = 1.5V
IOUT = 600 mA
IOUT = 10 mA
LM3676
www.ti.com
SNVS426C – NOVEMBER 2006 – REVISED MAY 2013
Typical Performance Characteristics (continued)
Circuit of LM3676, VIN= 3.6V, VOUT= 1.5V, TA= 25°C, unless otherwise noted.
Output Voltage vs. Supply Voltage
Output Voltage vs. Temperature
(VOUT = 1.5V)
(VOUT = 1.5V)
Figure 11.
Figure 12.
Output Voltage vs. Output Current
Line Transient Response
(VOUT = 1.5V)
VOUT = 1.5V (PWM Mode)
Figure 13.
Figure 14.
Efficiency vs. Output Current
Efficiency vs. Output Current
(VOUT = 1.5V, L = 2.2 µH)
(VOUT = 3.3V, L = 2.2 µH)
Figure 15.
Figure 16.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3676



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com