Electronic Components Datasheet Search
  English  ▼

X  

LM3676 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3676
Description  2-MHz 600-mA Step-Down DC-DC Converter With Mode Control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3676 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3676 Datasheet HTML 8Page - Texas Instruments LM3676 Datasheet HTML 9Page - Texas Instruments LM3676 Datasheet HTML 10Page - Texas Instruments LM3676 Datasheet HTML 11Page - Texas Instruments LM3676 Datasheet HTML 12Page - Texas Instruments LM3676 Datasheet HTML 13Page - Texas Instruments LM3676 Datasheet HTML 14Page - Texas Instruments LM3676 Datasheet HTML 15Page - Texas Instruments LM3676 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
High PFM Threshold
~1.017*Vout
Low1 PFM Threshold
~1.006*Vout
PFM Mode at Light Load
PWM Mode at
Moderate to Heavy
Loads
Pfet on
until
Ipfm limit
reached
Nfet on
drains
conductor
current
until
I inductor=0
High PFM
Voltage
Threshold
reached,
go into
sleep mode
Low PFM
Threshold,
turn on
PFET
Current load
increases,
draws Vout
towards
Low2 PFM
Threshold
Low2 PFM Threshold,
switch back to PWMmode
Load current
increases
Low2 PFM Threshold
Vout
LM3676
SNVS426C – NOVEMBER 2006 – REVISED MAY 2013
www.ti.com
During PFM operation, the converter positions the output voltage slightly higher than the nominal output voltage
during PWM operation, allowing additional headroom for voltage drop during a load transient from light to heavy
load. The PFM comparators sense the output voltage via the feedback pin and control the switching of the output
FETs such that the output voltage ramps between ~0.6% and ~1.7% above the nominal PWM output voltage. If
the output voltage is below the ‘high’ PFM comparator threshold, the PMOS power switch is turned on. It remains
on until the output voltage reaches the ‘high’ PFM threshold or the peak current exceeds the IPFM level set for
PFM mode. The typical peak current in PFM mode is: IPFM = 112mA + VIN/27Ω .
Once the PMOS power switch is turned off, the NMOS power switch is turned on until the inductor current ramps
to zero. When the NMOS zero-current condition is detected, the NMOS power switch is turned off. If the output
voltage is below the ‘high’ PFM comparator threshold (see Figure 28), the PMOS switch is again turned on and
the cycle is repeated until the output reaches the desired level. Once the output reaches the ‘high’ PFM
threshold, the NMOS switch is turned on briefly to ramp the inductor current to zero and then both output
switches are turned off and the part enters an extremely low power mode. Quiescent supply current during this
‘sleep’ mode is 16µA (typ), which allows the part to achieve high efficiency under extremely light load conditions.
If the load current should increase during PFM mode (see Figure 28) causing the output voltage to fall below the
‘low2’ PFM threshold, the part will automatically transition into fixed-frequency PWM mode. When VIN =2.9V the
part transitions from PWM to PFM mode at ~35mA output current and from PFM to PWM mode at ~85mA , when
VIN=3.6V, PWM to PFM transition happens at ~50mA and PFM to PWM transition happens at ~100mA, when VIN
=4.5V, PWM to PFM transition happens at ~65mA and PFM to PWM transition happens at ~115mA.
Figure 28. Operation in PFM Mode and Transfer to PWM Mode
SHUTDOWN MODE
Setting the EN input pin low (<0.4V) places the LM3676 in shutdown mode. During shutdown the PFET switch,
NFET switch, reference, control and bias circuitry of the LM3676 are turned off. Setting EN high (>1.0V) enables
normal operation. It is recommended to set EN pin low to turn off the LM3676 during system power up and
undervoltage conditions when the supply is less than 2.9V. Do not leave the EN pin floating.
12
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3676



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com