Electronic Components Datasheet Search
  English  ▼

X  

LM3676 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM3676
Description  2-MHz 600-mA Step-Down DC-DC Converter With Mode Control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3676 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3676 Datasheet HTML 6Page - Texas Instruments LM3676 Datasheet HTML 7Page - Texas Instruments LM3676 Datasheet HTML 8Page - Texas Instruments LM3676 Datasheet HTML 9Page - Texas Instruments LM3676 Datasheet HTML 10Page - Texas Instruments LM3676 Datasheet HTML 11Page - Texas Instruments LM3676 Datasheet HTML 12Page - Texas Instruments LM3676 Datasheet HTML 13Page - Texas Instruments LM3676 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
LM3676
SNVS426C – NOVEMBER 2006 – REVISED MAY 2013
www.ti.com
OPERATION DESCRIPTION
DEVICE INFORMATION
The LM3676, a high efficiency step down DC-DC switching buck converter, delivers a constant voltage from a
single Li-Ion battery and input voltage rails from 2.9V to 5.5V to portable devices such as cell phones and PDAs.
Using a voltage mode architecture with synchronous rectification, the LM3676 has the ability to deliver up to 600
mA depending on the input voltage, output voltage, ambient temperature and the inductor chosen.
There are three modes of operation depending on the current required and Mode pin - PWM (Pulse Width
Modulation), PFM (Pulse Frequency Modulation), and shutdown. The device operates in PWM mode if the load
current > 80 mA or when the Mode pin is set high. When the mode pin is set low, Auto mode, lighter load current
causes the device to automatically switch into PFM for reduced current consumption (IQ = 16 µA typ) and prolong
battery life . Shutdown mode turns off the device, offering the lowest current consumption (ISHUTDOWN = 0.01 µA
typ).
Additional features include soft-start, under voltage protection, current overload protection, and thermal shutdown
protection. As shown in Figure 1, only three external power components are required for implementation.
The part uses an internal reference voltage of 0.5V. It is recommended to keep the part in shutdown until the
input voltage is 2.9V or higher.
CIRCUIT OPERATION
During the first portion of each switching cycle, the control block in the LM3676 turns on the internal PFET
switch. This allows current to flow from the input through the inductor to the output filter capacitor and load. The
inductor limits the current to a ramp with a slope of (VIN–VOUT)/L, by storing energy in a magnetic field.
During the second portion of each cycle, the controller turns the PFET switch off, blocking current flow from the
input, and then turns the NFET synchronous rectifier on. The inductor draws current from ground through the
NFET to the output filter capacitor and load, which ramps the inductor current down with a slope of - VOUT/L.
The output filter stores charge when the inductor current is high, and releases it when inductor current is low,
smoothing the voltage across the load.
The output voltage is regulated by modulating the PFET switch on time to control the average current sent to the
load. The effect is identical to sending a duty-cycle modulated rectangular wave formed by the switch and
synchronous rectifier at the SW pin to a low-pass filter formed by the inductor and output filter capacitor. The
output voltage is equal to the average voltage at the SW pin.
MODE PIN
Setting the Mode pin low (<0.4V) places the LM3676 in Auto mode. During Auto mode the device automatically
switches between PFM-PWM depending on the load. Setting Mode high (>1.0V) places the part in Forced PWM.
The part is in forced PWM regardless of the load. Do not leave the Mode pin floating.
PWM OPERATION
During PWM operation the converter operates as a voltage-mode controller with input voltage feed forward. This
allows the converter to achieve good load and line regulation. The DC gain of the power stage is proportional to
the input voltage. To eliminate this dependence, feed forward inversely proportional to the input voltage is
introduced.
While in PWM mode, the output voltage is regulated by switching at a constant frequency and then modulating
the energy per cycle to control power to the load. At the beginning of each clock cycle the PFET switch is turned
on and the inductor current ramps up until the comparator trips and the control logic turns off the switch. The
current limit comparator can also turn off the switch in case the current limit of the PFET is exceeded. Then the
NFET switch is turned on and the inductor current ramps down. The next cycle is initiated by the clock turning off
the NFET and turning on the PFET.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3676



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com