Electronic Components Datasheet Search
  English  ▼

X  

LM3676 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3676
Description  2-MHz 600-mA Step-Down DC-DC Converter With Mode Control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3676 Datasheet(HTML) 1 Page - Texas Instruments

  LM3676 Datasheet HTML 1Page - Texas Instruments LM3676 Datasheet HTML 2Page - Texas Instruments LM3676 Datasheet HTML 3Page - Texas Instruments LM3676 Datasheet HTML 4Page - Texas Instruments LM3676 Datasheet HTML 5Page - Texas Instruments LM3676 Datasheet HTML 6Page - Texas Instruments LM3676 Datasheet HTML 7Page - Texas Instruments LM3676 Datasheet HTML 8Page - Texas Instruments LM3676 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
8
1
2
4
5
VIN
SW
FB
EN
PGND
L1: 2.2 PH
VOUT
COUT
10 PF
CIN
4.7 PF
LM3676
VIN
2.9V to 5.5V
MODE
3
6
NC
7
SGND
LM3676
www.ti.com
SNVS426C – NOVEMBER 2006 – REVISED MAY 2013
2-MHz 600-mA Step-Down DC-DC Converter With Mode Control
Check for Samples: LM3676
1
FEATURES
DESCRIPTION
The
LM3676
step-down
DC-DC
converter
is
2
•
16µA Typical Quiescent Current
optimized for powering low voltage circuits from a
•
600mA Maximum Load Capability
single Li-Ion cell battery and input voltage rails from
•
2MHz Typical PWM Fixed Switching Frequency
2.9V to 5.5V. It provides up to 600mA load current,
over the entire input voltage range. There are several
•
Automatic PFM/PWM Mode Switching or
different fixed voltage output options available as well
Forced PWM Mode
as an adjustable output voltage version.
•
Available in Fixed Output Voltages and
The LM3676 has a mode-control pin that allows the
Adjustable Version
user to select continuous Pulse Width Modulation
•
8-Lead Non-Pullback WSON Package
(PWM) mode over the complete load range or an
•
Internal Synchronous Rectification for High
intelligent PFM-PWM mode that changes modes
Efficiency
depending on the load. PWM mode offers superior
efficiency under high load conditions (>100mA) and
•
Internal Soft Start
the lowest output noise performance. In Auto mode,
•
0.01µA Typical Shutdown Current
PFM-PWM, hysteretic PFM extends the battery life
•
Operates From a Single Li-Ion Cell Battery
through reduction of the quiescent current to 16µA
(typ.) during light loads and system standby.
•
Only Three Tiny Surface-Mount External
Components Required (One Inductor, Two
The LM3676 is available in a 8-lead non-pullback
Ceramic Capacitors)
WSON package in leaded (PB) and lead-free (NO
PB) versions. A high switching frequency of 2 MHz
•
Current Overload and Thermal Shutdown
(typ) allows use of tiny surface-mount components,
Protection
an inductor and two ceramic capacitors.
APPLICATIONS
•
Mobile Phones
•
PDAs
•
MP3 Players
•
WLAN
•
Portable Instruments
•
Digital Still Cameras
•
Portable Hard Disk Drives
TYPICAL APPLICATION CIRCUITS
Figure 1. Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3676

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3676 NSC-LM3676 Datasheet
5Mb / 20P
2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
Texas Instruments
LM3676 TI1-LM3676 Datasheet
3Mb / 23P
2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
National Semiconductor ...
LM3676SD-1.5 NSC-LM3676SD-1.5 Datasheet
5Mb / 20P
2MHz, 600mA Step-Down DC-DC Converter with Mode Control
LM3676SD-1.8 NSC-LM3676SD-1.8 Datasheet
5Mb / 20P
2MHz, 600mA Step-Down DC-DC Converter with Mode Control
LM3676SD-3.3 NSC-LM3676SD-3.3 Datasheet
5Mb / 20P
2MHz, 600mA Step-Down DC-DC Converter with Mode Control
More results

Similar Description - LM3676

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B Datasheet
206Kb / 14P
3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
logo
Analog Devices
ADP2108 AD-ADP2108 Datasheet
1Mb / 16P
Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. A
logo
ON Semiconductor
NCP1521B ONSEMI-NCP1521B_10 Datasheet
187Kb / 14P
1.5 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 5
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
logo
Analog Devices
ADP2108AUJZ-3.3-R7 AD-ADP2108AUJZ-3.3-R7 Datasheet
1Mb / 20P
Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
ADP2121 AD-ADP2121 Datasheet
1Mb / 20P
600 mA, 6 MHz, Synchronous Step-Down DC-to-DC Converter
REV. B
ADP2108AUJZ-1.0-R7 AD-ADP2108AUJZ-1.0-R7 Datasheet
1Mb / 20P
Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
logo
Texas Instruments
LM3673 TI-LM3673_15 Datasheet
4Mb / 28P
2-MHz, 350-mA Step-Down DC-DC Converter
LM3674 TI-LM3674_15 Datasheet
4Mb / 26P
LM3674 2-MHz, 600-mA Step-Down DC-DC Converter in SOT-23
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
Synchronous 600 mA Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com