Electronic Components Datasheet Search
  English  ▼

X  

LM3676 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM3676
Description  2-MHz 600-mA Step-Down DC-DC Converter With Mode Control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3676 Datasheet(HTML) 3 Page - Texas Instruments

  LM3676 Datasheet HTML 1Page - Texas Instruments LM3676 Datasheet HTML 2Page - Texas Instruments LM3676 Datasheet HTML 3Page - Texas Instruments LM3676 Datasheet HTML 4Page - Texas Instruments LM3676 Datasheet HTML 5Page - Texas Instruments LM3676 Datasheet HTML 6Page - Texas Instruments LM3676 Datasheet HTML 7Page - Texas Instruments LM3676 Datasheet HTML 8Page - Texas Instruments LM3676 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LM3676
www.ti.com
SNVS426C – NOVEMBER 2006 – REVISED MAY 2013
ORDERING INFORMATION(1)(2)
LM3676 (8-Lead WSON)
Ordering Information
Voltage Option (V)
LM3676SD-1.5
LM3676SDX-1.5
1.5
LM3676SD-1.5/NOPB
LM3676SDX-1.5/NOPB
LM3676SD-1.8
LM3676SDX-1.8
1.8
LM3676SD-1.8/NOPB
LM3676SDX-1.8/NOPB
LM3676SD-3.3
LM3676SDX-3.3
3.3
LM3676SD-3.3/NOPB
LM3676SDX-3.3/NOPB
LM3676SD-ADJ
LM3676SDX-ADJ
Adjustable
LM3676SD-ADJ/NOPB
LM3676SDX-ADJ/NOPB
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
Absolute Maximum Ratings
(1) (2)
VIN Pin: Voltage to GND
−0.2V to 6.0V
FB, SW, EN, Mode Pin:
(GND
−0.2V) to (VIN + 0.2V)
Continuous Power Dissipation (3)
Internally Limited
Junction Temperature (TJ-MAX)
+125°C
Storage Temperature Range
−65°C to +150°C
Maximum Lead Temperature (Soldering, 10 sec.)
260°C
Human Body Model
2 kV
ESD Rating (4)
Machine Model
200V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings are conditions under
which operation of the device is ensured. Operating Ratings may not imply performance limits. For performance limits and associated
test conditions, see the Electrical Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ= 150°C (typ.) and
disengages at TJ= 130°C (typ.).
(4)
The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin. MIL-STD-883 3015.7
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3676



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com