Electronic Components Datasheet Search
  English  ▼

X  

LM3676 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3676
Description  2-MHz 600-mA Step-Down DC-DC Converter With Mode Control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3676 Datasheet(HTML) 2 Page - Texas Instruments

  LM3676 Datasheet HTML 1Page - Texas Instruments LM3676 Datasheet HTML 2Page - Texas Instruments LM3676 Datasheet HTML 3Page - Texas Instruments LM3676 Datasheet HTML 4Page - Texas Instruments LM3676 Datasheet HTML 5Page - Texas Instruments LM3676 Datasheet HTML 6Page - Texas Instruments LM3676 Datasheet HTML 7Page - Texas Instruments LM3676 Datasheet HTML 8Page - Texas Instruments LM3676 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
1
2
3
4
5
6
7
8
PGND
SW
MODE
FB
VIN
SGND
NC
EN
1
2
5
4
3
VIN
SW
FB
EN
PGND
L1: 2.2 PH
VOUT
COUT
10 PF
CIN
4.7 PF
LM3676-
ADJ
VIN
2.9V to 5.5V
R1
R2
C1
C2
NC
MODE
SGND
8
6
7
LM3676
SNVS426C – NOVEMBER 2006 – REVISED MAY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Figure 2. Typical Application Circuit for ADJ Version
PIN DIAGRAM
Figure 3. Top View
WSON-8 Package
Package Number NGQ0008A
PIN DESCRIPTIONS (8-Lead WSON)
Pin No.
Name
Description
1
PGND
Power Ground Pin.
2
SW
Switching node connection to the internal PFET switch and NFET synchronous rectifier.
3
MODE
Mode Control Pin: > 1.0V selects continuous PWM mode ; <0.4V selects Auto (PFM-PWM) mode. Do not
leave this pin floating.
4
FB
Feedback analog input. Connect directly to the output filter capacitor for fixed voltage versions. For
adjustable version external resistor dividers are required (see Figure 2). The internal resistor dividers are
disabled for the adjustable version.
5
EN
Enable pin. The device is in shutdown mode when voltage to this pin is <0.4V and enabled when >1.0V.
Do not leave this pin floating.
6
NC
Not Connected. Leave Pin Floating. Do Not Connect to other pins
7
SGND
Signal Ground Pin.
8
VIN
Power Supply input. Connect to the input filter capacitor (see Figure 1).
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3676



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com