Electronic Components Datasheet Search
  English  ▼

X  

LM46002PWPR Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LM46002PWPR
Description  SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM46002PWPR Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM46002PWPR Datasheet HTML 26Page - Texas Instruments LM46002PWPR Datasheet HTML 27Page - Texas Instruments LM46002PWPR Datasheet HTML 28Page - Texas Instruments LM46002PWPR Datasheet HTML 29Page - Texas Instruments LM46002PWPR Datasheet HTML 30Page - Texas Instruments LM46002PWPR Datasheet HTML 31Page - Texas Instruments LM46002PWPR Datasheet HTML 32Page - Texas Instruments LM46002PWPR Datasheet HTML 33Page - Texas Instruments LM46002PWPR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
SS
SSC
SS
C
I
t

K

K
5
K
FF
x
FBT
FBT
FBB
1
1
C
2 f
R
(R
/ /R
)

K
x
OUT
OUT
4.35
f
V
C
LM46002
SNVSA13B – APRIL 2014 – REVISED SEPTEMBER 2014
www.ti.com
9.2.2.6 Feed-Forward Capacitor
The LM46002 is internally compensated and the internal R-C values are 400 k
Ω and 50 pF respectively.
Depending on the VOUT and frequency FS, if the output capacitor COUT is dominated by low ESR (ceramic types)
capacitors, it could result in low phase margin. To improve the phase boost an external feedforward capacitor
CFF can be added in parallel with RFBT. CFF is chosen such that phase margin is boosted at the crossover
frequency without CFF. A simple estimation for the crossover frequency without CFF (fx) is shown in Equation 21,
assuming COUT has very small ESR.
(21)
The following equation for CFF was tested:
(22)
This equation indicates that the crossover frequency is geometrically centered on the zero and pole frequencies
caused by the CFF capacitor.
For designs with higher ESR, CFF is not neeed when COUT has very high ESR and CFF calculated from
Equation 22 should be reduced with medium ESR. Table 2 can be used as a quick starting point.
For the application in this design example, a 47 pF COG capacitor is selected.
9.2.2.7 Bootstrap Capacitors
Every LM46002 design requires a bootstrap capacitor, CBOOT. The recommended bootstrap capacitor is 0.47 μF
and rated at 6.3 V or higher. The bootstrap capacitor is located between the SW pin and the CBOOT pin. The
bootstrap capacitor must be a high-quality ceramic type with X7R or X5R grade dielectric for temperature
stability.
9.2.2.8 VCC Capacitor
The VCC pin is the output of an internal LDO for LM46002. The input for this LDO comes from either VIN or
BIAS (please refer to Functional Block Diagram for LM46002). To insure stability of the part, place a minimum of
2.2 µF, 10 V capacitor from this pin to ground.
9.2.2.9 BIAS Capacitors
For an output voltage of 3.3 V and greater, the BIAS pin can be connected to the output in order to increase light
load efficiency. This pin is an input for the VCC LDO. When BIAS is not connected, the input for the VCC LDO
will be internally connected into VIN. Since this is an LDO, the voltage differences between the input and output
will affect the efficiency of the LDO. If necessary, a capacitor with a value of 1
μF can be added close to the
BIAS pin as an input capacitor for the LDO.
9.2.2.10 Soft-Start Capacitors
The user can leave the SS/TRK pin floating and the LM46002 will implement a soft start time of 4.1 ms typically.
In order to use an external soft start capacitor, the capacitor should be sized such that the soft start time will be
longer than 4.1 ms. Use the following equation in order to calculate the soft start capacitor value:
(23)
Where,
CSS = Soft start capacitor value (µF)
ISSC = Soft start charging current (µA)
tSS = Desired soft start time (s)
For the desired soft start time of 10 ms and soft start charging current of 2.2 µA, the equation above yield a soft
start capacitor value of 0.022 µF.
30
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM46002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com