Electronic Components Datasheet Search
  English  ▼

X  

LM46002PWPR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM46002PWPR
Description  SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM46002PWPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM46002PWPR Datasheet HTML 14Page - Texas Instruments LM46002PWPR Datasheet HTML 15Page - Texas Instruments LM46002PWPR Datasheet HTML 16Page - Texas Instruments LM46002PWPR Datasheet HTML 17Page - Texas Instruments LM46002PWPR Datasheet HTML 18Page - Texas Instruments LM46002PWPR Datasheet HTML 19Page - Texas Instruments LM46002PWPR Datasheet HTML 20Page - Texas Instruments LM46002PWPR Datasheet HTML 21Page - Texas Instruments LM46002PWPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
Enable
Internal SS Ramp
Ext Tracking Signal to SS pin
VOUT
SS/TRK
RTRT
RTRB
EXT RAMP
SS
SSC
SS
C
I
t

K
LM46002
SNVSA13B – APRIL 2014 – REVISED SEPTEMBER 2014
www.ti.com
Feature Description (continued)
8.3.6 Soft-Start and Voltage Tracking (SS/TRK)
The LM46002 has a flexible and easy to use start up rate control pin: SS/TRK. Soft-start feature is to prevent
inrush current impacting the LM46002 and its supply when power is first applied. Soft-start is achieved by slowly
ramping up the target regulation voltage when the device is first enabled or powered up.
The simplest way to use the device is to leave the SS/TRK pin open circuit or floating. The LM46002 will employ
the internal soft-start control ramp and start up to the regulated output voltage in 4.1 ms typically.
In applications with a large amount of output capacitors, or higher VOUT, or other special requirements, the soft-
start time can be extended by connecting an external capacitor CSS from SS/TRK pin to AGND. Extended soft-
start time further reduces the supply current needed to charge up output capacitors and supply any output
loading. An internal current source (ISSC = 2.2 µA) charges CSS and generates a ramp from 0 V to VFB to control
the ramp-up rate of the output voltage. For a desired soft start time tSS, the capacitance for CSS can be found by
(2)
The soft start capacitor CSS is discharged by an internal FET when VOUT is shutdown by hiccup protection or
ENABLE = logic low. When a large CSS is applied and ENABLE is toggled low only for a short period of time, it
could happen that CSS is not fully discharged and the next soft start ramp will follow internal soft start ramp
before reaching the left-over voltage on CSS and then follow the ramp programmed by CSS. If this is not
acceptable by a certain application, a R-C low-pass filter can be added to ENABLE to slow down the shutting
down of VCC, which allows more time to discharge CSS.
The LM46002 is capable of start up into prebiased output conditions. When the inductor current reaches zero,
the LS switch will be turned off to avoid negative current conduction. This operation mode is also called diode
emulation mode. It is built-in by the DCM operation in light loads. With a prebiased output voltage, the LM46002
will wait until the soft-start ramp allows regulation above the prebiased voltage and then follow the soft-start ramp
to the regulation level.
When an external voltage ramp is applied to the SS/TRK pin, the LM46002 FB voltage follows the ramp if the
ramp magnitude is lower than the internal soft-start ramp. A resistor divider pair can be used on the external
control ramp to the SS/TRK pin to program the tracking rate of the output voltage. The final voltage seen by the
SS/TRK pin should not fall below 1.2 V to avoid abnormal operation.
Figure 37. Soft Start Tracking External Ramp
VOUT tracked to an external voltage ramp has the option of ramping up slower or faster than the internal voltage
ramp. VFB always follows the lower potential of the internal voltage ramp and the voltage on the SS/TRK pin.
Figure 38 shows the case when VOUT ramps slower than the internal ramp, while Figure 39 shows when VOUT
ramps faster than the internal ramp. Faster start up time may result in inductor current tripping current protection
during start-up. Use with special care.
Figure 38. Tracking with Longer Start-up Time Than The Internal Ramp
18
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM46002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com