Electronic Components Datasheet Search
  English  ▼

X  

LM46002PWPR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LM46002PWPR
Description  SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM46002PWPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM46002PWPR Datasheet HTML 19Page - Texas Instruments LM46002PWPR Datasheet HTML 20Page - Texas Instruments LM46002PWPR Datasheet HTML 21Page - Texas Instruments LM46002PWPR Datasheet HTML 22Page - Texas Instruments LM46002PWPR Datasheet HTML 23Page - Texas Instruments LM46002PWPR Datasheet HTML 24Page - Texas Instruments LM46002PWPR Datasheet HTML 25Page - Texas Instruments LM46002PWPR Datasheet HTML 26Page - Texas Instruments LM46002PWPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
LM46002
www.ti.com
SNVSA13B – APRIL 2014 – REVISED SEPTEMBER 2014
8.4 Device Functional Modes
8.4.1 Shutdown Mode
The EN pin provides electrical ON and OFF control for the LM46002. When VEN is below 0.4 V, the device is in
shutdown mode. Both the internal LDO and the switching regulator are off. In shutdown mode the quiescent
current drops to 2.3 µA typically with VIN = 24 V. The LM46002 also employs under voltage lock out protection. If
VCC voltage is below the UVLO level, the output of the regulator will be turned off.
8.4.2 Stand-by Mode
The internal LDO has a lower enable threshold than the regulator. When VEN is above 1.2 V and below the
precision enable falling threshold (1.8 V typically), the internal LDO regulates the VCC voltage at 3.2 V. The
precision enable circuitry is turned on once VCC is above the UVLO threshold. The switching action and voltage
regulation are not enabled unless VEN rises above the precision enable threshold (2.1 V typically).
8.4.3 Active Mode
The LM46002 is in Active Mode when VEN is above the precision enable threshold and VCC is above its UVLO
level. The simplest way to enable the LM46002 is to connect the EN pin to VIN. This allows self start-up of the
LM46002 when the input voltage is in the operation range: 3.5 V to 60 V. Please refer to Enable (ENABLE) and
VCC, UVLO and BIAS for details on setting these operating levels.
In Active Mode, depending on the load current, the LM46002 will be in one of four modes:
1. Continuous conduction mode (CCM) with fixed switching frequency when load current is above half of the
peak-to-peak inductor current ripple;
2. Discontinuous conduction mode (DCM) with fixed switching frequency when load current is lower than half of
the peak-to-peak inductor current ripple in CCM operation;
3. Pulse Frequency Modulation (PFM) when switching frequency is decreased at very light load;
4. Fold-back mode when switching frequency is decreased to maintain output regulation at lower supply voltage
VIN.
8.4.4 CCM Mode
Continuous Conduction Mode (CCM) operation is employed in the LM46002 when the load current is higher than
half of the peak-to-peak inductor current. In CCM operation, the frequency of operation is fixed unless the
minimum HS switch ON-time (TON_MIN), the mininum HS switch OFF-time (TOFF_MIN) or LS current limit is
exceeded. Output voltage ripple will be at a minimum in this mode and the maximum output current of 2 A can
be supplied by the LM46002.
8.4.5 Light Load Operation
When the load current is lower than half of the peak-to-peak inductor current in CCM, the LM46002 will operate
in Discontinuous Conduction Mode (DCM), also known as Diode Emulation Mode (DEM). In DCM operation, the
LS FET is turned off when the inductor current drops to 0 A to improve efficiency. Both switching losses and
conduction losses are reduced in DCM, comparing to forced PWM operation at light load.
At even lighter current loads, Pulse Frequency Mode (PFM) is activated to maintain high efficiency operation.
When the HS switch ON-time reduces to TON_MIN or peak inductor current reduces to its minimum IPEAK-MIN, the
switching frequency will reduce to maintain proper regulation. Efficiency is greatly improved by reducing
switching and gate drive losses.
8.4.6 Self-Bias Mode
For highest efficiency of operation, it is recommended that the BIAS pin be connected directly to VOUT when 3.3
V
≤ VOUT ≤ 28 V. In this Self-Bias Mode of operation, the difference between the input and output voltages of the
internal LDO are reduced and therefore the total efficiency of the LM46002 is improved. These efficiency gains
are more evident during light load operation. During this mode of operation, the LM46002 operates with a
minimum quiescent current of 27 µA (typical). Please refer to VCC, UVLO and BIAS for more details.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM46002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com