Electronic Components Datasheet Search
  English  ▼

X  

LM46002PWPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM46002PWPR
Description  SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM46002PWPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM46002PWPR Datasheet HTML 12Page - Texas Instruments LM46002PWPR Datasheet HTML 13Page - Texas Instruments LM46002PWPR Datasheet HTML 14Page - Texas Instruments LM46002PWPR Datasheet HTML 15Page - Texas Instruments LM46002PWPR Datasheet HTML 16Page - Texas Instruments LM46002PWPR Datasheet HTML 17Page - Texas Instruments LM46002PWPR Datasheet HTML 18Page - Texas Instruments LM46002PWPR Datasheet HTML 19Page - Texas Instruments LM46002PWPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
FB
FBB
FBT
OUT
FB
V
R
R
V
V

FB
RFBT
RFBB
VOUT
1.E+03
1.E+04
1.E+05
1.E+06
0.001
0.010
0.100
1.000
LOAD CURRENT (A)
VIN = 12V
VIN = 24V
VIN = 36V
C007
LM46002
SNVSA13B – APRIL 2014 – REVISED SEPTEMBER 2014
www.ti.com
Feature Description (continued)
Figure 34. Switching Frequency Decreases with Lower Load Current in PFM Operation
VOUT = 5 V FS = 1 MHz
In PFM operation, a small positive DC offset is required at the output voltage to activate the PFM detector. The
lower the frequency in PFM, the more DC offset is needed at VOUT. Please refer to the Typical Characteristics for
typical DC offset at very light load. If the DC offset on VOUT is not acceptable for a given application, a static load
at output is recommended to reduce or eliminate the offset. Lowering values of the feedback divider RFBT and
RFBB can also serve as a static load. In conditions with low VIN and/or high frequency, the LM46002 may not
enter PFM mode if the output voltage cannot be charged up to provide the trigger to activate the PFM detector.
Once the LM46002 is operating in PFM mode at higher VIN, it will remain in PFM operation when VIN is reduced.
8.3.3 Adjustable Output Voltage
The voltage regulation loop in the LM46002 regulates output voltage by maintaining the voltage on FB pin ( VFB)
to be the same as the internal REF voltage (VREF). A resistor divider pair is needed to program the ratio from
output voltage VOUT to VFB. The resistor divider is connected from the VOUT of the LM46002 to ground with the
mid-point connecting to the FB pin.
Figure 35. Output Voltage Setting
The voltage reference system produces a precise voltage reference over temperature. The internal REF voltage
is 1.011 V typically. To program the output voltage of the LM46002 to be a certain value VOUT, RFBB can be
calculated with a selected RFBT by
(1)
The choice of the RFBT depends on the application. RFBT in the range from 10 kΩ to 100 kΩ is recommended for
most applications. A lower RFBT value can be used if static loading is desired to reduce VOUT offset in PFM
operation. Lower RFBT will reduce efficiency at very light load. Less static current goes through a larger RFBT and
might be more desirable when light load efficiency is critical. But RFBT larger than 1 MΩ is not recommended
because it makes the feedback path more susceptible to noise. Larger RFBT value requires more carefully
designed feedback path on the PCB. The tolerance and temperature variation of the resistor dividers affect the
output voltage regulation. It is recommended to use divider resistors with 1% tolerance or better and temperature
coefficient of 100 ppm or lower.
16
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM46002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com