Electronic Components Datasheet Search
  English  ▼

X  

LM46002PWPR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LM46002PWPR
Description  SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM46002PWPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM46002PWPR Datasheet HTML 25Page - Texas Instruments LM46002PWPR Datasheet HTML 26Page - Texas Instruments LM46002PWPR Datasheet HTML 27Page - Texas Instruments LM46002PWPR Datasheet HTML 28Page - Texas Instruments LM46002PWPR Datasheet HTML 29Page - Texas Instruments LM46002PWPR Datasheet HTML 30Page - Texas Instruments LM46002PWPR Datasheet HTML 31Page - Texas Instruments LM46002PWPR Datasheet HTML 32Page - Texas Instruments LM46002PWPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
c

u

u
S
OUT
D
1
ESR
(
0.5)
F
C
r
ª
º
§
·
c
c
!
u
u 

u 
«
»
¨
¸
¨
¸
u u '
«
»
©
¹
¬
¼
2
OUT
S
OUT
OUT
1
r
C
(1 D )
D
(1 r)
(F
r
V
/ I
)
12
LM46002
www.ti.com
SNVSA13B – APRIL 2014 – REVISED SEPTEMBER 2014
9.2.2.5 Output Capacitor Selection
The device is designed to be used with a wide variety of LC filters. It is generally desired to use as little output
capacitance as possible to keep cost and size down. The output capacitor (s), COUT, should be chosen with
care since it directly affects the steady state output voltage ripple, loop stability and the voltage over/undershoot
during load current transients.
The output voltage ripple is essentially composed of two parts. One is caused by the inductor current ripple going
through the Equivalent Series Resistance (ESR) of the output capacitors:
ΔVOUT-ESR = ΔiL× ESR
(17)
The other is caused by the inductor current ripple charging and discharging the output capacitors:
ΔVOUT-C = ΔiL/ ( 8 × FS × COUT )
(18)
The two components in the voltage ripple are not in phase, so the actual peak-to-peak ripple is smaller than the
sum of the two peaks.
Output capacitance is usually limited by transient performance specifications if the system requires tight voltage
regulation in the presence of large current steps and fast slew rates. When a fast large load transient happens,
output capacitors provide the required charge before the inductor current can slew to the appropriate level. The
initial output voltage step is equal to the load current step multiplied by the ESR. VOUT continues to droop until
the control loop response increases or decreases the inductor current to supply the load. To maintain a small
over- or under-shoot during a transient, small ESR and large capacitance are desired. But these also come with
higher cost and size. Thus, the motivation is to seek a fast control loop response to reduce the output voltage
deviation.
For a given input and output requirement, the following inequality gives an approximation for an absolute
minimum output cap required:
(19)
Along with this for the same requirement, the max ESR should be calculated as per the following inequality
(20)
where
r = Ripple ratio of the inductor ripple current (
ΔIL / IOUT)
ΔVOUT = Target output voltage undershoot
D’ = 1 – Duty cycle
FS = Switching Frequency
IOUT = Load Current
A general guide line for COUT range is that COUT should be larger than the minimum required output capacitance
calculated by Equation 19, and smaller than 10 times the minimum required output capacitance or 1 mF. In
applications with VOUT less than 3.3 V, it is critical that low ESR output capacitors are selected. This will limit
potential output voltage overshoots as the input voltage falls below the device normal operating range. To
optimize the transient behavior a feed-forward capacitor could be added in parallel with the upper feedback
resistor. For this design example, three 47 µF,10 V, X7R ceramic capacitors are used in parallel.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LM46002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com