Electronic Components Datasheet Search
  English  ▼

X  

LM46002PWPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM46002PWPR
Description  SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM46002PWPR Datasheet(HTML) 4 Page - Texas Instruments

  LM46002PWPR Datasheet HTML 1Page - Texas Instruments LM46002PWPR Datasheet HTML 2Page - Texas Instruments LM46002PWPR Datasheet HTML 3Page - Texas Instruments LM46002PWPR Datasheet HTML 4Page - Texas Instruments LM46002PWPR Datasheet HTML 5Page - Texas Instruments LM46002PWPR Datasheet HTML 6Page - Texas Instruments LM46002PWPR Datasheet HTML 7Page - Texas Instruments LM46002PWPR Datasheet HTML 8Page - Texas Instruments LM46002PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
LM46002
SNVSA13B – APRIL 2014 – REVISED SEPTEMBER 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
(1)
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
VIN to PGND
-0.3
65
EN to PGND
-0.3
VIN + 0.3
FB, RT, SS/TRK to AGND
-0.3
3.6
Input Voltages
PGOOD to AGND
-0.3
15
V
SYNC to AGND
-0.3
5.5
BIAS to AGND
-0.3
30
AGND to PGND
-0.3
0.3
SW to PGND
-0.3
VIN + 0.3
SW to PGND less than 10ns Transients
-3.5
65
Output Voltages
V
CBOOT to SW
-0.3
5.5
VCC to AGND
-0.3
3.6
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 Handling Ratings
PARAMETER
DEFINITION
MIN
MAX
UNIT
Tstg
Storage temperature range
-65
+150
°C
HBM Human body model
2.0
VESD
(1) (2)
kV
CDM Charge device model
0.5
(1)
Electrostatic discharge (ESD) to measure device sensitivity/immunity to damage caused by assembly line electrostatic discharges into
the device.
(2)
ESD testing is performed according to the respective JESD22 JEDEC standard.
7.3 Recommended Operating Conditions
(1)
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
VIN to PGND
3.5
60
EN
-0.3
VIN
FB
-0.3
1.1
Input Voltages
PGOOD
-0.3
12
V
BIAS input not used
-0.3
0.3
BIAS input used
3.3
28
AGND to PGND
-0.1
0.1
Output Voltage
VOUT
1.0
28
V
Output Current
IOUT
0
2
A
Temperature
Operating junction temperature range, TJ
-40
+125
°C
(1)
Operating Ratings indicate conditions for which the device is intended to be functional, but do not guarantee specific performance limits.
For guaranteed specifications, see Electrical Characteristics.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM46002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com