Electronic Components Datasheet Search
  English  ▼

X  

LM46002PWPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM46002PWPR
Description  SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM46002PWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM46002PWPR Datasheet HTML 2Page - Texas Instruments LM46002PWPR Datasheet HTML 3Page - Texas Instruments LM46002PWPR Datasheet HTML 4Page - Texas Instruments LM46002PWPR Datasheet HTML 5Page - Texas Instruments LM46002PWPR Datasheet HTML 6Page - Texas Instruments LM46002PWPR Datasheet HTML 7Page - Texas Instruments LM46002PWPR Datasheet HTML 8Page - Texas Instruments LM46002PWPR Datasheet HTML 9Page - Texas Instruments LM46002PWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
LM46002
SNVSA13B – APRIL 2014 – REVISED SEPTEMBER 2014
www.ti.com
Electrical Characteristics (continued)
Limits apply over the recommended operating junction temperature (TJ) range of -40°C to +125°C, unless otherwise stated.
Minimum and Maximum limits are specified through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated, the following
conditions apply: VIN = 24 V, VOUT = 3.3 V, FS = 500 kHz.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE REFERENCE (FB PIN)
TJ = 25ºC
1.004
1.011
1.018
VFB
Feedback voltage
TJ = -40 ºC to 85ºC
0.994
1.011
1.026
V
TJ = -40 ºC to 125ºC
0.994
1.011
1.030
ILKG-FB
Input leakage current at FB pin
FB = 1.011 V
0.2
65
nA
THERMAL SHUTDOWN
Shutdown threshold
160
ºC
TSD
(1)
Thermal shutdown
Recovery threshold
150
ºC
CURRENT LIMIT AND HICCUP
IHS-LIMIT
Peak inductor current limit
3.6
4.5
5.0
A
ILS-LIMIT
Valley inductor current limit
1.8
2.05
2.3
A
SOFT START (SS/TRK PIN)
ISSC
Soft-start charge current
1.45
2.2
2.75
µA
RSSD
Soft-start discharge resistance
UVLO, TSD, OCP, or EN = 0 V
16
k
Ω
POWER GOOD (PGOOD PIN)
Power-good flag over voltage tripping
VPGOOD-HIGH
% of FB voltage
110%
113%
threshold
Power-good flag under voltage tripping
VPGOOD-LOW
% of FB voltage
80%
88%
threshold
VPGOOD-HYS
Power-good flag recovery hysteresis
% of FB voltage
6%
VEN = 3.3 V
40
125
PGOOD pin pull down resistance when
RPGOOD
Ω
power bad
VEN = 0 V
60
150
MOSFETS (2)
IOUT = 1 A
RDS-ON-HS
High-side MOSFET ON-resistance
210
m
Ω
VBIAS = VOUT = 3.3 V
IOUT = 1 A
RDS-ON-LS
Low-side MOSFET ON-resistance
110
m
Ω
VBIAS = VOUT = 3.3 V
(1)
Ensured by design. Not production tested.
(2)
Measured at package pins
7.6 Timing Requirements
MIN
TYP
MAX
UNIT
CURRENT LIMIT AND HICCUP
NOC
Hiccup wait cycles when LS current limit tripped
32
Cycles
TOC
Hiccup retry delay time
5.5
ms
SOFT START (SS/TRK PIN)
TSS
Internal soft-start time when SS pin open circuit
4.1
ms
POWER GOOD (PGOOD PIN)
TPGOOD-RISE Power-good flag rising transition deglitch delay
220
µs
TPGOOD-FALL Power-good flag falling transition deglitch delay
220
µs
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM46002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com