Electronic Components Datasheet Search
  English  ▼

X  

LM46002PWPR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM46002PWPR
Description  SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM46002PWPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM46002PWPR Datasheet HTML 10Page - Texas Instruments LM46002PWPR Datasheet HTML 11Page - Texas Instruments LM46002PWPR Datasheet HTML 12Page - Texas Instruments LM46002PWPR Datasheet HTML 13Page - Texas Instruments LM46002PWPR Datasheet HTML 14Page - Texas Instruments LM46002PWPR Datasheet HTML 15Page - Texas Instruments LM46002PWPR Datasheet HTML 16Page - Texas Instruments LM46002PWPR Datasheet HTML 17Page - Texas Instruments LM46002PWPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
Precision
Enable
VCC
Enable
Slope
Comp
LDO
HICCUP
Detector
PFM
Detector
TSD
Oscillator
PWM CONTROL LOGIC
Freq
Foldback
Zero
Cross
UVLO
CBOOT
VIN
BIAS
PGOOD
ENABLE
AGND
PGND
SYNC
VCC
SW
FB
HS I Sense
RT
ISSC
+
±
LS I Sense
PGood
PGood
FB
SS/TRK
+
OV/UV
Detector
REF
EA
Internal
SS
RC
CC
+ ±
LM46002
SNVSA13B – APRIL 2014 – REVISED SEPTEMBER 2014
www.ti.com
8 Detailed Description
8.1 Overview
The LM46002 SIMPLE SWITCHER® regulator is an easy to use synchronous step-down DC-DC converter that
operates from 3.5 V to 60 V supply voltage. It is capable of delivering up to 2 A DC load current with exceptional
efficiency and thermal performance in a very small solution size. An extended family is available in 0.5 A and 1.0
A load options in pin-to-pin compatible packages.
The LM46002 employs fixed frequency peak current mode control with Discontinuous Conduction Mode (DCM)
and Pulse Frequency Modulation (PFM) mode at light load to achieve high efficiency across the load range. The
device is internally compensated, which reduces design time, and requires fewer external components. The
switching frequency is programmable from 200 kHz to 2.2 MHz by an external resistor, RT. It defaults at 500 kHz
without RT. The LM46002 is also capable of synchronization to an external clock within the 200 kHz to 2.2 MHz
frequency range. The wide switching frequency range allows the device to be optimized to fit small board space
at higher frequency, or high efficient power conversion at lower frequency.
Optional features are included for more comprehensive system requirements, including power-good (PGOOD)
flag, precision enable, synchronization to external clock, extendable soft-start time, and output voltage tracking.
These features provide a flexible and easy to use platform for a wide range of applications. Protection features
include over temperature shutdown, VCC under-voltage lockout (UVLO), cycle-by-cycle current limit, and short-
circuit protection with hiccup mode.
The family requires few external components and the pin arrangement was designed for simple, optimum PCB
layout. The LM46002 device is available in the HTSSOP / PWP 16 pin leaded package (5.1 mm x 6.6 mm x 1.2
mm) with 0.65 mm lead pitch.
8.2 Functional Block Diagram
14
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM46002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com