Electronic Components Datasheet Search
  English  ▼

X  

LM46002PWPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM46002PWPR
Description  SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM46002PWPR Datasheet(HTML) 5 Page - Texas Instruments

  LM46002PWPR Datasheet HTML 1Page - Texas Instruments LM46002PWPR Datasheet HTML 2Page - Texas Instruments LM46002PWPR Datasheet HTML 3Page - Texas Instruments LM46002PWPR Datasheet HTML 4Page - Texas Instruments LM46002PWPR Datasheet HTML 5Page - Texas Instruments LM46002PWPR Datasheet HTML 6Page - Texas Instruments LM46002PWPR Datasheet HTML 7Page - Texas Instruments LM46002PWPR Datasheet HTML 8Page - Texas Instruments LM46002PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
LM46002
www.ti.com
SNVSA13B – APRIL 2014 – REVISED SEPTEMBER 2014
7.4 Thermal Information
HTSSOP
THERMAL METRIC (1)
UNIT
(16 PINS)
RθJA
Junction-to-ambient thermal resistance
38.9(2)
RθJC(top)
Junction-to-case (top) thermal resistance
24.3
RθJB
Junction-to-board thermal resistance
19.9
°C/W
ψJT
Junction-to-top characterization parameter
0.7
ψJB
Junction-to-board characterization parameter
19.7
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.7
(1)
The package thermal impedance is calculated in accordance with JESD 51-7 standard with a 4-layer board and 2 W power dissipation.
(2)
RθJA is highly related to PCB layout and heat sinking. Please refer to Figure 101 for measured RθJA vs PCB area from a 2-layer board
and a 4-layer board.
7.5 Electrical Characteristics
Limits apply over the recommended operating junction temperature (TJ) range of -40°C to +125°C, unless otherwise stated.
Minimum and Maximum limits are specified through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated, the following
conditions apply: VIN = 24 V, VOUT = 3.3 V, FS = 500 kHz.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PINS)
ISHDNVIN-MIN-ST
Minimum input voltage for startup
3.8
V
Shutdown quiescent current
VEN = 0 V
2.3
5
µA
VEN = 3.3 V
Operating quiescent current (non-
IQ-NONSW
VFB = 1.5 V
7
12
µA
switching) from VIN
VBIAS = 3.4 V external
VEN = 3.3 V
Operating quiescent current (non-
IBIAS-NONSW
VFB = 1.5 V
87
135
µA
switching) from external VBIAS
VBIAS = 3.4 V external
VEN = VIN
IOUT = 0 A
IQ-SW
Operating quiescent current (switching)
RT = open
27
µA
VBIAS = VOUT = 3.3 V
RFBT = 1.0 Meg
ENABLE (EN PIN)
Voltage level to enable the internal LDO
VEN-VCC-H
VENABLE high level
1.2
V
output VCC
Voltage level to disable the internal LDO
VEN-VCC-L
VENABLE low level
0.4
V
output VCC
Precision enable level for switching and
VEN-VOUT-H
VENABLE high level
2.00
2.1
2.42
V
regulator output: VOUT
Hysteresis voltage between VOUT
VEN-VOUT-HYS
VENABLE hysteresis
-294
mV
precision enable and disable thresholds
ILKG-EN
Enable input leakage current
VEN = 3.3 V
0.8
1.7
µA
INTERNAL LDO (VCC PIN AND BIAS PIN)
VCC
Internal LDO output voltage VCC
VIN ≥ 3.8 V
3.2
V
VCC rising threshold
3.15
V
Under voltage lock out (UVLO)
VCC-UVLO
Hysteresis voltage between rising and
thresholds for VCC
-575
mV
falling thresholds
VBIAS rising threshold
2.94
3.15
V
Internal LDO input change over
VBIAS-ON
Hysteresis voltage between rising and
threshold to BIAS
-67
mV
falling thresholds
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM46002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com