Electronic Components Datasheet Search
  English  ▼

X  

A13 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # A13
Description  ARM Cortex A8 Core
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A13 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button A13 Datasheet HTML 24Page - List of Unclassifed Manufacturers A13 Datasheet HTML 25Page - List of Unclassifed Manufacturers A13 Datasheet HTML 26Page - List of Unclassifed Manufacturers A13 Datasheet HTML 27Page - List of Unclassifed Manufacturers A13 Datasheet HTML 28Page - List of Unclassifed Manufacturers A13 Datasheet HTML 29Page - List of Unclassifed Manufacturers A13 Datasheet HTML 30Page - List of Unclassifed Manufacturers A13 Datasheet HTML 31Page - List of Unclassifed Manufacturers A13 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
Allwinner Technology CO., Ltd.
A13 Datasheet v1.30
Copyright © 2012 Allwinner Technology. All Rights Reserved.
27
December 10, 2012
Signal Name
Description
Pin Name
Pin No.
VCC_DRAM
DRAM Power Supply
VCC(5)
23/30/43/53/62
Analog Power
AVCC
Analog Power Supply
AVCC
81
AGND
Analog Ground
AGND
79
Table 5-3 Power Domain Signal Description
5.3.2.
Miscellaneous Signal Description
Signal
Description
Type
Pin Name
Pin No.
Clock
X24MIN
Main 24MHz crystal Input for internal OSC
I
X24MIN
92
X24MOUT
Main 24MHz crystal Output for internal OSC
O
X24MOUT
91
Reset
RESET_N
System Reset
I
RESET_N
159
FIQ
NMI_N
External Fast Interrupt Request
I
NMI_N
158
Boot
UBOOT
Boot Mode
I
BOOT
157
Others
VRP
Reference voltage
A
VRP
80
VRA1
Reference voltage
A
VRA1
83
VRA2
Reference voltage
A
VRA2
82
Table 5-4 Miscellaneous Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com