Electronic Components Datasheet Search
  English  ▼

X  

A13 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # A13
Description  ARM Cortex A8 Core
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A13 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button A13 Datasheet HTML 25Page - List of Unclassifed Manufacturers A13 Datasheet HTML 26Page - List of Unclassifed Manufacturers A13 Datasheet HTML 27Page - List of Unclassifed Manufacturers A13 Datasheet HTML 28Page - List of Unclassifed Manufacturers A13 Datasheet HTML 29Page - List of Unclassifed Manufacturers A13 Datasheet HTML 30Page - List of Unclassifed Manufacturers A13 Datasheet HTML 31Page - List of Unclassifed Manufacturers A13 Datasheet HTML 32Page - List of Unclassifed Manufacturers A13 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
Allwinner Technology CO., Ltd.
A13 Datasheet v1.30
Copyright © 2012 Allwinner Technology. All Rights Reserved.
28
December 10, 2012
6.
Electrical Characteristics
6.1.
Absolute Maximum Ratings
The absolute maximum ratings (shown in Table 6-1) are the limits beyond which a device can not
be stressed without the jeopardy of device damage or a reduction of device reliability.
Symbol
Parameter
Min
Max
Unit
TS
Storage Temperature
-40
125
°C
II/O
In/Out current for input and output
-40
40
mA
VESD
ESD stress voltage
HBM(human body model)
-4K
4K
VESD
CDM(charged device model)
250
250
VESD
VCC
DC Supply Voltage for I/O
-0.3
3.6
V
VDD
DC Supply Voltage for Internal Digital Logic
-0.3
1.32
V
VCC_ANALOG
DC Supply Voltage for Analog Part
-0.3
3.6
V
VCC_DRAM
DC Supply Voltage for DRAM Part
-0.3
1.98
V
VCC_USB
DC Supply Voltage for USB PHY
-0.3
3.6
V
VCC_LRADC
DC Supply Voltage for LRADC
-0.3
3.0
V
VCC_HP
DC Supply Voltage for Headphone
-0.3
3.6
V
VDD_PLL
DC Supply Voltage for PLL
-0.3
1.32
V
Table 6-1 Multiplexing Characteristics
6.2.
Recommended Operating Conditions
All A13 modules are used under the operating Conditions contained in Table 6-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com