Electronic Components Datasheet Search
  English  ▼

X  

A13 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # A13
Description  ARM Cortex A8 Core
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A13 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button A13 Datasheet HTML 31Page - List of Unclassifed Manufacturers A13 Datasheet HTML 32Page - List of Unclassifed Manufacturers A13 Datasheet HTML 33Page - List of Unclassifed Manufacturers A13 Datasheet HTML 34Page - List of Unclassifed Manufacturers A13 Datasheet HTML 35Page - List of Unclassifed Manufacturers A13 Datasheet HTML 36Page - List of Unclassifed Manufacturers A13 Datasheet HTML 37Page - List of Unclassifed Manufacturers A13 Datasheet HTML 38Page - List of Unclassifed Manufacturers A13 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
Allwinner Technology CO., Ltd.
A13 Datasheet v1.30
Copyright © 2012 Allwinner Technology. All Rights Reserved.
34
December 10, 2012
12.
SDRAM Controller
12.1.
Overview
The SDRAM Controller (DRAMC) provides a simple, flexible, burst-optimized interface to all
industy-standard double data rate II (DDR2) ordinary SDRAM and Double data rate III (DDR3)
ordinary SDRAM. It supports up to a 512MB memory address space.
The DRAMC automatically handles memory management, initialization, and refresh operations. It
gives the host CPU a simple command interface, hiding details of the required address, page, and
burst handling procedures. All memory parameters are runtime-configurable, including timing,
memory setting, SDRAM type, and Extended-Mode-Register settings.
The DRAMC includes following features:
Support DDR2 SDRAM and DDR3 SDRAM
Support different memory device power voltage of 1.5V and 1.8V
Support DDR2/3 SDRAM of clock frequency up to DDR1066
Support memory capacity up to 512MB
15 address lines and 3 bank address lines
Data IO size can up to 16-bit for DDR2 and DDR3
Automatically generate initialization and refresh sequences
Runtime-configurable parameters setting for application flexibility
Clock frequency can be chosen for different applications
Priority of transferring through multiple ports is programmable
Support random read or write operation
12.2.
SDRAM Signal Description
Signal Name
Description
Type
DDR3_Dx
SDRAM Data Bus Bit
I/O
DDR3_DM1
SDRAM Data Mask1
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com